전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP105 데이터시트(PDF) 3 Page - Samsung semiconductor

부품명 TIP105
상세설명  PNP (HIGH DC CURRENT GAIN MIN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

TIP105 데이터시트(HTML) 3 Page - Samsung semiconductor

  TIP105 Datasheet HTML 1Page - Samsung semiconductor TIP105 Datasheet HTML 2Page - Samsung semiconductor TIP105 Datasheet HTML 3Page - Samsung semiconductor TIP105 Datasheet HTML 4Page - Samsung semiconductor TIP105 Datasheet HTML 5Page - Samsung semiconductor TIP105 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


유사한 부품 번호 - TIP105

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
TIP105 MOSPEC-TIP105 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
logo
TAITRON Components Inco...
TIP105 TAITRON-TIP105 Datasheet
241Kb / 4P
   Darlington Power Transistors (PNP)
logo
Central Semiconductor C...
TIP105 CENTRAL-TIP105 Datasheet
70Kb / 1P
   Silicon Power darlington Complementary transistors
logo
Motorola, Inc
TIP105 MOTOROLA-TIP105 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP105 SAVANTIC-TIP105 Datasheet
93Kb / 3P
   Silicon PNP Darlington Power Transistors
More results

유사한 설명 - TIP105

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
TIP145F SAMSUNG-TIP145F Datasheet
175Kb / 4P
   PNP (HIGH DC CURRENT GAIN)
logo
Inchange Semiconductor ...
2SB1531 ISC-2SB1531 Datasheet
101Kb / 2P
   High DC Current Gain- : hFE= 5000(Min)@IC= -5A
2SB883 ISC-2SB883 Datasheet
84Kb / 2P
   High DC Current Gain- : hFE = 2000(Min)@ IC= -7A
2SB881 ISC-2SB881 Datasheet
102Kb / 2P
   High DC Current Gain- : hFE = 2000(Min)@ IC= -3.5A
2SB955 ISC-2SB955 Datasheet
101Kb / 2P
   High DC Current Gain- : hFE = 1000(Min)@ IC= -5A
2SB882 ISC-2SB882 Datasheet
102Kb / 2P
   High DC Current Gain- : hFE = 2000(Min)@ IC= -5A
2SB897 ISC-2SB897 Datasheet
93Kb / 2P
   High DC Current Gain- : hFE = 1000(Min)@ IC= -10A
logo
Unisonic Technologies
NP1510G-XX-AN6-R UTC-NP1510G-XX-AN6-R Datasheet
122Kb / 3P
   High DC current gain
BD135G-XX-AA3-R UTC-BD135G-XX-AA3-R Datasheet
121Kb / 3P
   high DC current gain
logo
Inchange Semiconductor ...
2SC4005 ISC-2SC4005 Datasheet
198Kb / 2P
   High DC current gain.
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com