전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74649-2508 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 74649-2508
상세설명  2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Open Module, LeadFree, 150 Circuits, Pin Length 4.25mm (.167")
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX8 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74649-2508 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  74649-2508 Datasheet HTML 1Page - Molex Electronics Ltd. 74649-2508 Datasheet HTML 2Page - Molex Electronics Ltd. 74649-2508 Datasheet HTML 3Page - Molex Electronics Ltd. 74649-2508 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
3A
Data Rate
5.0 Gbps
Real Signals (per 25mm)
100
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74060-003
Sales Drawing
SD-74649-002
VHDM-HSD is a trademark of Amphenol Corporation
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 74649-2508

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74649-2501 MOLEX-74649-2501 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
74649-2501 MOLEX8-74649-2501 Datasheet
465Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Open Module, 150Circuits, Pin Length 4.75mm (.187")
74649-2502 MOLEX-74649-2502 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
74649-2502 MOLEX8-74649-2502 Datasheet
465Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Open Module, 150Circuits, Pin Length 6.25mm (.246")
74649-2503 MOLEX-74649-2503 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com