전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74162-1220 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 74162-1220
상세설명  2.54mm (.100") Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual RowShrouded, Version B, High-Temperature, 20 Circuits, 0.4關m (15關") Gold (Au)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX8 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74162-1220 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  74162-1220 Datasheet HTML 1Page - Molex Electronics Ltd. 74162-1220 Datasheet HTML 2Page - Molex Electronics Ltd. 74162-1220 Datasheet HTML 3Page - Molex Electronics Ltd. 74162-1220 Datasheet HTML 4Page - Molex Electronics Ltd. 74162-1220 Datasheet HTML 5Page - Molex Electronics Ltd. 74162-1220 Datasheet HTML 6Page - Molex Electronics Ltd. 74162-1220 Datasheet HTML 7Page - Molex Electronics Ltd. 74162-1220 Datasheet HTML 8Page - Molex Electronics Ltd. 74162-1220 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0741621220
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® Receptacle, Right Angle, Through Hole, Dual Row,
Shrouded, Version B, High-Temperature, 20 Circuits, 0.4µm (15µ") Gold (Au)
Documents:
3D Model
Product Specification PS-74162-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Receptacles
Series
74162
Application
Board-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid®
Physical
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Performance Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
No
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
0.4
Plating min: Mating (µm)
15
Polarized to Mating Part
No
Polarized to PCB
No
Robotic Placement
None
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Grounding to PCB
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74162Series


유사한 부품 번호 - 74162-1220

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74162-1222 MOLEX8-74162-1222 Datasheet
1Mb / 10P
   2.54mm (.100) Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual Row, Shrouded, Version B, High-Temperature, 22 Circuits, 0.4關m (15關) Gold (Au)
74162-1224 MOLEX8-74162-1224 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid Receptacle, Right Angle, Through Hole, Dual Row, Shrouded, Version B
74162-1226 MOLEX8-74162-1226 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid Receptacle, Right Angle, Through Hole, Dual Row, Shrouded, Version B
74162-1228 MOLEX8-74162-1228 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual Row,Shrouded, Version B, High-Temperature, 28 Circuits, 0.4關m (15關") Gold (Au)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com