전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM6164002 데이터시트(PDF) 6 Page - Samsung semiconductor

부품명 KM6164002
상세설명  CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM6164002 데이터시트(HTML) 6 Page - Samsung semiconductor

  KM6164002 Datasheet HTML 1Page - Samsung semiconductor KM6164002 Datasheet HTML 2Page - Samsung semiconductor KM6164002 Datasheet HTML 3Page - Samsung semiconductor KM6164002 Datasheet HTML 4Page - Samsung semiconductor KM6164002 Datasheet HTML 5Page - Samsung semiconductor KM6164002 Datasheet HTML 6Page - Samsung semiconductor KM6164002 Datasheet HTML 7Page - Samsung semiconductor KM6164002 Datasheet HTML 8Page - Samsung semiconductor KM6164002 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
KM6164002, KM6164002E, KM6164002I
CMOS SRAM
PRELIMINARY
Rev 2.0
- 4 -
June -1997
TEST CONDITIONS
NOTE: Above test conditions are also applied at extended and industrial temperature ranges
.
Parameter
Value
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3§À
Input and Output timing Reference Levels
1.5V
Output Loads
See below
AC CHARACTERISTICS(TA=0 to 70
°C, VCC=5.0V±10%, unless otherwise noted.)
READ CYCLE
NOTE: Above parameters are also guaranteed at extended and industrial temperature ranges.
Parameter
Symbol
KM6164002-20
KM6164002-25
Unit
Min
Max
Min
Max
Read Cycle Time
tRC
20
-
25
-
§À
Address Access Time
tAA
-
20
-
25
§À
Chip Select to Output
tCO
-
20
-
25
§À
Output Enable to Valid Output
tOE
-
10
-
12
§À
UB, LB Access Time
tBA
-
10
-
12
ns
Chip Enable to Low-Z Output
tLZ
5
-
5
-
§À
Output Enable to Low-Z Output
tOLZ
0
-
0
-
§À
UB, LB Enable to Low-Z Output
tBLZ
0
-
0
-
ns
Chip Disable to High-Z Output
tHZ
0
7
0
8
§À
Output Disable to High-Z Output
tOHZ
0
7
0
8
§À
UB, LB Disable to High-Z Output
tBHZ
0
7
0
8
ns
Output Hold from Address Change
tOH
4
-
5
-
§À
Output Loads(A)
Output Loads(B)
DOUT
5pF*
480
255
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
+5.0V
DOUT
30pF*
480
255
+5.0V
* Including Scope and Jig Capacitance


유사한 부품 번호 - KM6164002

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM6164000B SAMSUNG-KM6164000B Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000BL-L SAMSUNG-KM6164000BL-L Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000BLI-L SAMSUNG-KM6164000BLI-L Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000BLR-5L SAMSUNG-KM6164000BLR-5L Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000BLR-7L SAMSUNG-KM6164000BLR-7L Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results

유사한 설명 - KM6164002

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
   CMOS SRAM
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
K6R4008V1B SAMSUNG-K6R4008V1B Datasheet
214Kb / 10P
   CMOS SRAM
logo
Hynix Semiconductor
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
   32Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY62KT08081E HYNIX-HY62KT08081E Datasheet
192Kb / 12P
   32Kx8bit CMOS SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com