전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74026-8122 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 74026-8122
상세설명  2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX8 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74026-8122 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  74026-8122 Datasheet HTML 1Page - Molex Electronics Ltd. 74026-8122 Datasheet HTML 2Page - Molex Electronics Ltd. 74026-8122 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740268122
Status:
Active
Overview:
vhdm
Description:
2.00mm (.079") Pitch VHDM® Board-to-Board Daughtercard Receptacle, Right Angle,
8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade
1, 9.00mm (.354") Blade 2, 9.00mm (.354")Blade 3
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Backplane Connectors
Series
74026
Application
Daughtercard
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Daughtercard Receptacle Module, Power, 3-Blade
Component Type
Power Receptacle
Overview
vhdm
Product Name
VHDM®
Style
N/A
Physical
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Gold, Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
Open Pin Field
Number of Rows
8
Orientation
Right Angle
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
2, 35.2
Plating min: Termination (µm)
0.05, 0.88
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
10A
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74026Series
Mates With
74029 VHDM® Board-to-Board Backplane
Receptacle Power Module


유사한 부품 번호 - 74026-8122

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74026-8111 MOLEX8-74026-8111 Datasheet
146Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade
74026-8112 MOLEX8-74026-8112 Datasheet
146Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade
74026-8114 MOLEX8-74026-8114 Datasheet
146Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade
74026-8141 MOLEX8-74026-8141 Datasheet
146Kb / 3P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295) Blade
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com