전자부품 데이터시트 검색엔진 |
|
74695-1002 데이터시트(PDF) 1 Page - Molex Electronics Ltd. |
|
74695-1002 데이터시트(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0746951002 Status: Active Overview: vhdm__hsd Description: 2.00mm (.079") Pitch 5-Row VHDM-HSD™ Backplane Header, Open Module, 40 Circuits, Pin Length 6.25mm (.246") Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19880 General Product Family Backplane Connectors Series 74695 Application Backplane Application Tooling Documents <a href="http://www.molex.com/pdm_docs/ats/ TM-622010999.pdf">Tooling Manual</a> Comments Open Header Component Type PCB Header Overview vhdm__hsd Product Name VHDM-HSD™ Style N/A Physical Circuits (Loaded) 40 Circuits (maximum) 40 Color - Resin Black Durability (mating cycles max) 200 First Mate / Last Break No Flammability 94V-0 Guide to Mating Part No Keying to Mating Part None Material - Metal High Performance Alloy (HPA) Material - Plating Mating Gold Material - Plating Termination Tin-Lead Material - Resin High Temperature Thermoplastic Number of Columns 10 Number of Pairs Open Pin Field Number of Rows 5 Orientation Vertical PCB Retention None PCB Thickness Recommended (in) 0.070 In PCB Thickness Recommended (mm) 1.80 mm Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 30 Plating min: Termination (µm) 0.75 Polarized to PCB Yes Surface Mount Compatible (SMC) Yes Temperature Range - Operating -55°C to +105°C Termination Interface: Style Through Hole - Compliant Pin Series image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 74695Series Mates With 74670 HSD Daughtercard Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM® Signal Pin Inserter Repair Tool 0622015700 VHDM® 5 Row Pin and Shield Repair Tool 0622015810 VHDM® 5 Row Shield Extraction Tool 0622016010 VHDM-HSD™ Signal Header, 5 Row by 0622020201 |
유사한 부품 번호 - 74695-1002 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |