전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-7115B 데이터시트(PDF) 1 Page - Sanken electric

부품명 SI-7115B
상세설명  Unipolar Driver ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7115B 데이터시트(HTML) 1 Page - Sanken electric

  SI-7115B Datasheet HTML 1Page - Sanken electric SI-7115B Datasheet HTML 2Page - Sanken electric SI-7115B Datasheet HTML 3Page - Sanken electric SI-7115B Datasheet HTML 4Page - Sanken electric SI-7115B Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
33
SI-7115B
s Characteristics
Parameter
Absolute maximum rating
Electrical characteristics
Phase switching signal input
Applied
Output
Junction
Operating
Storage
Supply
Output
Input
Oscillation
ON
OFF
voltage
current
temperature
ambient
temperature
voltage
current
current frequency Output
Input
Input
Input
temperature
Vcc(V)
Io(A)
Iin(mA)
f (kHz)
current
voltage
current
voltage
Type No.
Vsurge(V)
Io(A/ø)
Tj(
°C)
Top(
°C)
Tstg(
°C)
min typ max min max min max min max
(A/ø)
(V)min (mA)min (V)max
0.2
2.7
1.0
SI-7115B
40
1.7
125
–20 to +80
–30 to +100
20
24
30 0.2 1.5
5.0 19
24
0.5
3.1
1.2
0.8
1.0
3.6
1.4
1.5
4.5
2.0
s Equivalent circuit diagram
s External connection diagram
s Block diagram
(Ta = 25
°C)
18
17
14
16
13
15
2
5
12
3
4
1
11
8
6
9
7
10
Q1
D4
D3
Q3
Q4
RS1
+
+
RS2
Q5
Q6
D5
D6
Q2
D1
D2
8
13
10
15
A
B
A
B
Excitation
signal
input
Active
High
+
F
2.2
10V
Rx
a
b
1
2
4
5
3 11
12
17
6
7
9
14
16
VCC
18
SI-7115B
Stepper motor
A
A
B
B
µ
Output current fine
adjustment resistor
Excitation signal (4-phase)
Rx
Reference
voltage
Oscillator
circuit
Comparator
amplifier
Current
controller
Counter EMF
canceller
VCC
Excitation signal
amplifier
Current detection
resistor
M
SI-7115B
Unipolar Driver ICs


유사한 부품 번호 - SI-7115B

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SI-71002 BEL-SI-71002 Datasheet
305Kb / 4P
   SI-71002
SI-71003 BEL-SI-71003 Datasheet
311Kb / 4P
   SI-71003
SI-71004 BEL-SI-71004 Datasheet
300Kb / 4P
   SI-71004
SI-71005 BEL-SI-71005 Datasheet
280Kb / 4P
   SI-71005
SI-71006 BEL-SI-71006 Datasheet
182Kb / 4P
   SI-71006
More results

유사한 설명 - SI-7115B

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-7300A SANKEN-SI-7300A Datasheet
67Kb / 5P
   Unipolar Driver ICs
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Rohm
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com