전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-8400L 데이터시트(PDF) 6 Page - Sanken electric

부품명 SI-8400L
상세설명  Separate Excitation Switching Type with Coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8400L 데이터시트(HTML) 6 Page - Sanken electric

  SI-8400L Datasheet HTML 1Page - Sanken electric SI-8400L Datasheet HTML 2Page - Sanken electric SI-8400L Datasheet HTML 3Page - Sanken electric SI-8400L Datasheet HTML 4Page - Sanken electric SI-8400L Datasheet HTML 5Page - Sanken electric SI-8400L Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
101
sTypical Characteristics (SI-8500L Series)
Rise Characteristics(SI-8501L)
Efficiency Characteristics(SI-8501L)
Load Regulation(SI-8501L)
Temperature Characteristics(SI-8401L)
Overcurrent Protection Characteristics(SI-8401L)
Thermal Protection Characteristics(SI-8401L)
Rise Characteristics(SI-8502L)
Efficiency Characteristics(SI-8502L)
Load Regulation(SI-8502L)
0
7
6
5
4
3
2
1
0
510
15
20
Ta=25
°C
0.5A
Input Voltage VIN (V)
0
100
90
80
70
60
50
40
0
0.25
0.5
0.75
1
Ta=25
°C
VIN=7V
20V
33V
Output Current IO (A)
0
5.15
5.10
5.05
5.00
4.95
4.90
4.85
0
0.25
0.5
0.75
1
Ta=25
°C
20V
15V
VIN =33V
7V
Output Current IO (A)
–40
0
5.15
5.10
5.05
5.00
4.95
4.90
4.85
0
40
80
120
VO
η
f
VIN=20V, IO=0.5A
0
100
90
80
70
60
50
40
Ambient Temperature Ta (
°C)
0
7
6
5
4
3
2
1
0
12
3
4
20V
Ta=25
°C
Output Current IO (A)
0
7
6
5
4
3
2
1
0
40
80
120
160
Ambient Temperature Ta (
°C)
VIN=20V, IO=0A
0
14
12
10
6
8
2
0
4
510
15
20
Input Voltage VIN (V)
Ta=25
°C
0.5A
0
100
90
80
60
70
40
0
50
0.25
0.5
0.75
1.0
VIN
=15V
33V
Output Current IO (A)
Ta=25
°C
0
12.3
12.2
12.1
11.9
12.0
11.7
0
11.8
0.25
0.5
0.75
1
VIN=33V
24V
18V
15V
Output Current IO (A)
Ta=25
°C
qSI-8400L/8500L Series
Note on Thermal Protection:
The thermal protection circuit is intended for pro-
tection against heat during instantaneous short-
circuiting. Its operation is not guaranteed for short-
circuiting over extended periods of time.


유사한 부품 번호 - SI-8400L

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8401L SANKEN-SI-8401L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
logo
Allegro MicroSystems
SI-8405NH ALLEGRO-SI-8405NH Datasheet
429Kb / 2P
   Surface-Mount, Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
logo
Sanken electric
SI-8405NH SANKEN-SI-8405NH Datasheet
429Kb / 2P
   Surface-Mount Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
SI-8405NL SANKEN-SI-8405NL Datasheet
433Kb / 2P
   Surface-Mount Synchronous Rectifier Step-down Switching Mode Regulator Control ICs
More results

유사한 설명 - SI-8400L

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8800L SANKEN-SI-8800L Datasheet
79Kb / 5P
   Separate Excitation Switching Type with Transformer
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
SI-8501L SANKEN-SI-8501L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
SI-8401L SANKEN-SI-8401L Datasheet
61Kb / 2P
   Separate Excitation Step-down Switching Mode with Coil
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com