전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-8211L 데이터시트(PDF) 4 Page - Sanken electric

부품명 SI-8211L
상세설명  Self Oscillating Switching Type with Coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8211L 데이터시트(HTML) 4 Page - Sanken electric

  SI-8211L Datasheet HTML 1Page - Sanken electric SI-8211L Datasheet HTML 2Page - Sanken electric SI-8211L Datasheet HTML 3Page - Sanken electric SI-8211L Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
95
sTypical Characteristics
SI-8213L
SI-8301L
Rise Characteristics
Rise Characteristics
Efficiency Characteristics
Efficiency Characteristics
0
5
10
15
20
Input Voltage VIN (V)
14
12
10
8
6
4
2
0
lO=0A RL=43
0
0.1
0.2
0.3
0.4
Output Current lO (A)
90
80
70
60
50
40
30
20
0
V
IN
=22V
48V
55V
30V
38V
0
5
10
15
20
Input Voltage VIN (V)
7
6
5
4
3
2
1
0
RL=5.1
0
0.3 0.4 0.5
0.1 0.2
0.7
0.6
0.9 1.0
0.8
1.1
Output Current lO (A)
90
80
70
60
50
40
30
20
0
VIN
=8V
20V
30V
40V
SI-8201L
SI-8203L
SI-8211L
Rise Characteristics
Rise Characteristics
Rise Characteristics
Efficiency Characteristics
Efficiency Characteristics
Efficiency Characteristics
0
5
10
15
20
Input Voltage VIN (V)
6
5
4
3
2
1
0
0
0
0.10
0.05
0.20 0.25
0.30
0.15
0.35 0.40 0.45
Output Current lO (A)
80
70
60
50
40
30
20
10
VIN=
10V
15V
20V
25V
30V
35V
40V
0
5
10
15
20
Input Voltage VIN (V)
14
12
10
8
6
4
2
0
0
0.1
0.2
0.3
0.4
Output Current lO (A)
90
80
70
60
50
40
30
20
0
VIN
=16V
40V
20V
35V
30V
25V
6
5
4
3
2
1
0
0
5
10
15
20
Input Voltage VIN (V)
0
0.1
0.2
0.3
0.4
80
70
60
50
40
30
20
10
0
Output Current lO (A)
VIN=15V
25V
35V
45V
55V
(Ta=25
°C)
qSI-8200L/8300L Series


유사한 부품 번호 - SI-8211L

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8211L SANKEN-SI-8211L Datasheet
64Kb / 6P
   Switching Type(Self Oscillation Type with Coil)
More results

유사한 설명 - SI-8211L

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8200L-1 SANKEN-SI-8200L-1 Datasheet
64Kb / 6P
   Switching Type(Self Oscillation Type with Coil)
logo
International Rectifier
IR51HD320 IRF-IR51HD320 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD737 IRF-IR51HD737 Datasheet
193Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD310 IRF-IR51HD310 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD420 IRF-IR51HD420 Datasheet
183Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H320 IRF-IR51H320 Datasheet
181Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51HD214 IRF-IR51HD214 Datasheet
184Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H224 IRF-IR51H224 Datasheet
73Kb / 7P
   SELF-OSCILLATING HALF BRIDGE
IR51H214 IRF-IR51H214 Datasheet
223Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
IR51H310 IRF-IR51H310 Datasheet
191Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com