전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74980-2512 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 74980-2512
상세설명  2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 100 Circuits, Pin Length 6.25mm (.246)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX9 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74980-2512 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  74980-2512 Datasheet HTML 1Page - Molex Electronics Ltd. 74980-2512 Datasheet HTML 2Page - Molex Electronics Ltd. 74980-2512 Datasheet HTML 3Page - Molex Electronics Ltd. 74980-2512 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
5.0 Gbps
Real Signals (per 25mm)
48
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-74980-010
VHDM-HSD is a trademark of Amphenol Corporation
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 74980-2512

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74980-2501 MOLEX9-74980-2501 Datasheet
432Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin Signal Module
74980-2502 MOLEX9-74980-2502 Datasheet
425Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 100 Circuits, Pin Length 6.25mm (.246")
74980-2503 MOLEX9-74980-2503 Datasheet
432Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin Signal Module
74980-2504 MOLEX9-74980-2504 Datasheet
429Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 100 Circuits, Pin Length 5.15mm (.203")
More results

유사한 설명 - 74980-2512

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0749801012 MOLEX9-0749801012 Datasheet
429Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits, Pin Length 6.25mm (.246)
0749802502 MOLEX9-0749802502 Datasheet
425Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 100 Circuits, Pin Length 6.25mm (.246")
0746961002 MOLEX8-0746961002 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits, Pin Length 6.25mm (.246")
0746501012 MOLEX8-0746501012 Datasheet
455Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 60 Circuits, Pin Length 6.25mm (.246")
0746972502 MOLEX9-0746972502 Datasheet
379Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 100 Circuits, Pin Length 6.25mm (.246)
0746962512 MOLEX9-0746962512 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 100 Circuits, Pin Length 6.25mm (.246")
0746502502 MOLEX8-0746502502 Datasheet
455Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 150 Circuits, Pin Length 6.25mm (.246")
0746502512 MOLEX8-0746502512 Datasheet
455Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 150 Circuits, Pin Length 6.25mm (.246")
0746971002 MOLEX9-0746971002 Datasheet
379Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits, Pin Length 6.25mm (.246)
0746501002 MOLEX8-0746501002 Datasheet
455Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 60 Circuits, Pin Length 6.25mm (.246")
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com