전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA5021 데이터시트(PDF) 1 Page - Sanken electric

부품명 SLA5021
상세설명  N-channel General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5021 데이터시트(HTML) 1 Page - Sanken electric

  SLA5021 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
58
Characteristic curves
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
Re(yfs)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
Safe Operating Area (SOA)
PT-Ta Characteristics
SLA5021
(Ta=25
°C)
Symbol
Unit
Conditins
V(BR)DSS
100
V
ID=250
µA, VGS=0V
IGSS
±500
nA
VGS=
±10V
IDSS
250
µAVDS=100V, VGS=0V
VTH
1.0
2.0
V
VDS=10V, ID=250
µA
Re(yfs)
46
S
VDS=10V, ID=5A
0.18
0.19
VGS=10V, ID=2.5A
0.19
0.25
VGS=4V, ID=2.5A
Ciss
880
pF
VDS=25V, f=1.0MHz,
Coss
240
pF
VGS=0V
ton
90
ns
ID=5A, VDD 50V, VGS=5V,
toff
75
ns
see Fig. 3 on page 16.
VSD
1.1
1.5
V
ISD=5A, VGS=0V
trr
500
ns
ISD=
±100mA
Specification
min
typ
max
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
100
V
VGSS
±10
V
ID
±5A
ID(pulse)
±10 (PW≤1ms)
A
EAS*60
mJ
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
35 (Tc=25
°C,with all circuits operating, with infinite heatsink)W
θ j-a
25 (Junction-Air, Ta=25
°C, with all circuits operating) °C/W
θ j-c
3.57 (Junction-Case, Tc=25
°C, with all circuits operating) °C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
* : VDD=20V, L=10mH, ID=3A, unclamped, see Fig. E on page 15.
PT
RDS(ON)
2
3
1
4
5
6
7
8
9
10
11
12
02
10
8
6
0
VDS (V)
46
8
4
2
10
VGS=2.5V
3.0V
3.5V
4.0V
10V
01
2
3
4
VGS (V)
8
6
0
4
2
10
5
(VDS=10V)
25
°C
125
°C
TC=–40
°C
0
0
2
0.05
0.15
0.20
0.25
ID (A)
46
10
0.10
8
VGS=4V
VGS=10V
0.3
0.05
0.5
1
1
5
20
ID (A)
510
0.5
0.1
10
(VDS=10V)
25
°C
125
°C
TC=–40
°C
–40
0
0
50
100
150
0.3
0.4
TC (
°C)
0.1
0.2
(ID=2.5A)
VGS=4V
VGS=10V
0
1020
3040
50
20
50
100
3000
VDS (V)
1000
500
VGS=0V
f=1MHz
Ciss
Coss
Crss
0
1.0
1.5
VSD (V)
0.5
8
6
0
4
2
10
4V
10V
VGS=0V
0.5
0.1
1
5
10
50
100
1
5
20
VDS (V)
0.5
10
(TC=25
°C)
ID (pulse) max
1ms
10
ms
(1shot)
R
DS
(ON)
LIMITED
100
µ
s
25
30
35
40
20
15
10
5
0
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
All Circuits Operating
Without Heatsink
N-channel
General purpose
Absolute maximum ratings
sEquivalent circuit diagram
External dimensions
A • • • SLA
Electrical characteristics


유사한 부품 번호 - SLA5021

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA5022 SANKEN-SLA5022 Datasheet
32Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5022 SANKEN-SLA5022 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5022 SANKEN-SLA5022_06 Datasheet
46Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5023 SANKEN-SLA5023 Datasheet
35Kb / 2P
   PNP Darlington N-channel MOSFET 3-phase motor drive
SLA5024 SANKEN-SLA5024 Datasheet
20Kb / 1P
   P-channel General purpose
More results

유사한 설명 - SLA5021

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA5044 SANKEN-SLA5044 Datasheet
20Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041_06 Datasheet
35Kb / 1P
   N-channel General purpose
logo
List of Unclassifed Man...
SLA5077 ETC-SLA5077 Datasheet
28Kb / 1P
   N-channel General purpose
logo
Sanken electric
SLA5011 SANKEN-SLA5011 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5042 SANKEN-SLA5042 Datasheet
22Kb / 1P
   N-channel General purpose
SLA5047 SANKEN-SLA5047 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5052 SANKEN-SLA5052 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5037 SANKEN-SLA5037_06 Datasheet
34Kb / 1P
   N-channel General purpose
SLA5085 SANKEN-SLA5085 Datasheet
36Kb / 1P
   N-channel General purpose
SDK04 SANKEN-SDK04 Datasheet
12Kb / 1P
   N-channel General purpose
SLA5026 SANKEN-SLA5026 Datasheet
21Kb / 1P
   N-channel General purpose
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com