전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-87280-1500 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-87280-1500
상세설명  2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 15 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX9 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

SD-87280-1500 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-87280-1500 Datasheet HTML 1Page - Molex Electronics Ltd. SD-87280-1500 Datasheet HTML 2Page - Molex Electronics Ltd. SD-87280-1500 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0872801500
Status:
Active
Description:
2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 15
Circuits
Documents:
3D Model
Product Specification PS-87130-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
87280
Component Type
One Piece
Glow-Wire Compliant
No
Product Name
Board-In, Cable Holder
Physical
Circuits (Loaded)
15
Circuits (maximum)
15
Entry Angle
Vertical
Flammability
94V-0
Lock to Mating Part
None
Number of Rows
1
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Wire Insulation Diameter
1.42mm (.056") max.
Wire Size AWG
26, 28
Wire/Cable Type
Discrete Wire, Ribbon Cable
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-87130-001
Sales Drawing
SD-87280-**00
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87280Series
Mates With
N/A
Use With
Discrete Wire, Flat Cable, or Ribbon Cable


유사한 부품 번호 - SD-87280-1500

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-87280-1000 MOLEX9-SD-87280-1000 Datasheet
91Kb / 3P
   2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 10 Circuits
SD-87280-1200 MOLEX9-SD-87280-1200 Datasheet
91Kb / 3P
   2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 12 Circuits
More results

유사한 설명 - SD-87280-1500

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0872800800 MOLEX9-0872800800 Datasheet
91Kb / 3P
   2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 8 Circuits
0872800600 MOLEX9-0872800600 Datasheet
91Kb / 3P
   2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 6 Circuits
0872800500 MOLEX9-0872800500 Datasheet
91Kb / 3P
   2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 5 Circuits
0872800400 MOLEX9-0872800400 Datasheet
91Kb / 3P
   2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 4 Circuits
0872801200 MOLEX9-0872801200 Datasheet
91Kb / 3P
   2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 12 Circuits
0872800700 MOLEX9-0872800700 Datasheet
91Kb / 3P
   2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 7 Circuits
0872800200 MOLEX9-0872800200 Datasheet
91Kb / 3P
   2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 2 Circuits
0872801000 MOLEX9-0872801000 Datasheet
91Kb / 3P
   2.00mm (.079) Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 10 Circuits
0872800300 MOLEX9-0872800300 Datasheet
91Kb / 3P
   2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 3 Circuits
0872801300 MOLEX9-0872801300 Datasheet
91Kb / 3P
   2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 13 Circuits
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com