전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA7021M 데이터시트(PDF) 8 Page - Sanken electric

부품명 SLA7021M
상세설명  Unipolar Driver ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7021M 데이터시트(HTML) 8 Page - Sanken electric

Back Button SLA7021M Datasheet HTML 2Page - Sanken electric SLA7021M Datasheet HTML 3Page - Sanken electric SLA7021M Datasheet HTML 4Page - Sanken electric SLA7021M Datasheet HTML 5Page - Sanken electric SLA7021M Datasheet HTML 6Page - Sanken electric SLA7021M Datasheet HTML 7Page - Sanken electric SLA7021M Datasheet HTML 8Page - Sanken electric SLA7021M Datasheet HTML 9Page - Sanken electric SLA7021M Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
21
SLA7024M, SLA7026M, SLA7027MU, SLA7022MU, SLA7029M,
SMA7022MU, SMA7029M, SLA7020M, SLA7021M and SDK03M
Application Note
Heat dissipation characteristics
50
40
30
20
10
0
200
500
1K
2K
SDK03M
Response frequency (pps)
TC
( 9 pin)
Natural cooling
Glass epoxy board
(mounted on level surface)
(95
×69×1.2mm)
Motor : PH265-01B
(Rm=7
Ω/ , Lm=9mH/ )
Motor current IO=0.8A
Ta=25°C
VCC=24V, VS=24V
2-phase excitation
φ
φ
30
25
20
15
10
5
0
200
500
1K
2K
Motor : PH265-01B
(Rm=7
Ω/ , Lm=9mH/ )
Motor current IO=0.8A
Ta=25°C
VCC=24V, VS=24V
2-phase excitation
φφ
SLA7024M, SLA7029M and SLA7020M
Response frequency (pps)
Without heatsink
Natural cooling
TC ( 4 pin)
35
30
25
20
15
10
5
0
200
500
1K
2K
Motor : PH265-01B
(Rm=7
Ω/ , Lm=9mH/ )
Motor current IO=0.8A
Ta=25°C
VCC=24V, VS=24V
2-phase excitation
φφ
SLA7022MU and SLA7027MU
Response frequency (pps)
Without heatsink
Natural cooling
TC ( 4 pin)
30
25
20
15
10
5
0
200
500
1K
2K
Motor : PH265-01B
(Rm=7
Ω/ , Lm=9mH/ )
Motor current IO=0.8A
Ta=25°C
VCC=24V, VS=24V
2-phase excitation
φφ
SMA7029M
Response frequency (pps)
Without heatsink
Natural cooling
TC ( 4 pin)
35
30
25
20
15
10
5
0
200
500
1K
2K
Motor : PH265-01B
(Rm=7
Ω/ , Lm=9mH/ )
Motor current IO=0.8A
Ta=25°C
VCC=24V, VS=24V
2-phase excitation
φφ
SMA7022MU
Response frequency (pps)
Without heatsink
Natural cooling
TC ( 4 pin)
50
40
30
20
10
0
100
500
1K
5K
SLA7026M and SLA7021M
Response frequency (pps)
TC ( 4 pin)
Without heatsink
Natural cooling
Motor : 23PM-C705
(Rm=1.27
Ω/ , Lm=1.8mH/ )
VCC=24V, VS=24V, IO=1.5A
2-phase excitation
φφ


유사한 부품 번호 - SLA7021M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA7022 SANKEN-SLA7022 Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7022MU SANKEN-SLA7022MU Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU_10 Datasheet
59Kb / 2P
   2-Phase Excitation
More results

유사한 설명 - SLA7021M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-7300A SANKEN-SI-7300A Datasheet
67Kb / 5P
   Unipolar Driver ICs
SI-7115B SANKEN-SI-7115B Datasheet
41Kb / 5P
   Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Rohm
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com