전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA7021M 데이터시트(PDF) 9 Page - Sanken electric

부품명 SLA7021M
상세설명  Unipolar Driver ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7021M 데이터시트(HTML) 9 Page - Sanken electric

Back Button SLA7021M Datasheet HTML 2Page - Sanken electric SLA7021M Datasheet HTML 3Page - Sanken electric SLA7021M Datasheet HTML 4Page - Sanken electric SLA7021M Datasheet HTML 5Page - Sanken electric SLA7021M Datasheet HTML 6Page - Sanken electric SLA7021M Datasheet HTML 7Page - Sanken electric SLA7021M Datasheet HTML 8Page - Sanken electric SLA7021M Datasheet HTML 9Page - Sanken electric SLA7021M Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
22
SLA7024M, SLA7026M, SLA7027MU, SLA7022MU, SLA7029M,
SMA7022MU, SMA7029M, SLA7020M, SLA7021M and SDK03M
Application Note
Supply voltage Vcc vs. Supply current Icc
Torque characteristics
100
SLA7027MU, SLA7022MU, SMA7022MU and SDK03M
Response frequency (pps)
2.0
1.5
1.0
0.5
0
5k
10k
3k
1k
500
Motor : PX244-02
Output current IO =0.6A
Motor supply voltage VCC =24V
2-phase excitation
2k
100
SLA7024M, SLA7029M, SMA7029M and SLA7020M
Response frequency (pps)
2.0
1.5
1.0
0.5
0
5k
4k
3k
2k
1k
500
Motor : 23LM-C202 (1V/1.1A)
Output current IO =0.8A
Motor supply voltage VCC =24V
2-phase excitation
100
SLA7026M and SLA7021M
Response frequency (pps)
6.0
5.0
4.0
3.0
2.0
1.0
0
5k
10k
3k
1k
500
Motor : 23PM-C705
Rm=1.27
Ω/
Lm=1.8mH/
VCC =24V
IO =2.5A
2-phase excitation
φ
φ
0
SLA7024M, SLA7029M, SMA7029M and SLA7020M
Supply voltage VCC (V)
500
400
300
200
100
0
10
20
30
40
50
Motor : 23LM-C004 (6V/1.2A)
1-phase excitation
Holding mode
Chopper period T = 47 s
IO : Output current
IO=0.2A
IO=0.5A
IO=1A
µ
0
SLA7026M and SLA7021M
Supply voltage VCC (V)
1.5
1.0
0.5
0
10
20
30
40
50
Motor : 23PM-C503
Rm=1.16
Ω/
Lm=2.9mH/
1-phase excitation, holding mode
IO : Output current
IO=1A
IO=2A
IO=3A
φ
φ
0
SLA7022MU, SLA7027MU, SMA7022MU and SDK03M
Supply voltage VCC (V)
500
400
300
200
100
0
10
20
30
40
50
Motor : 23LM-C202 (4V/1A)
1-phase excitation, holding mode
IO : Output current
IO=1A
0.4A
0.2A


유사한 부품 번호 - SLA7021M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA7022 SANKEN-SLA7022 Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7022MU SANKEN-SLA7022MU Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU_10 Datasheet
59Kb / 2P
   2-Phase Excitation
More results

유사한 설명 - SLA7021M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-7300A SANKEN-SI-7300A Datasheet
67Kb / 5P
   Unipolar Driver ICs
SI-7115B SANKEN-SI-7115B Datasheet
41Kb / 5P
   Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Rohm
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com