전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA7024M 데이터시트(PDF) 7 Page - Sanken electric

부품명 SLA7024M
상세설명  2-Phase Stepper Motor Unipolar Driver ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7024M 데이터시트(HTML) 7 Page - Sanken electric

  SLA7024M Datasheet HTML 1Page - Sanken electric SLA7024M Datasheet HTML 2Page - Sanken electric SLA7024M Datasheet HTML 3Page - Sanken electric SLA7024M Datasheet HTML 4Page - Sanken electric SLA7024M Datasheet HTML 5Page - Sanken electric SLA7024M Datasheet HTML 6Page - Sanken electric SLA7024M Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
26
SLA7027MU/SLA7024M/SLA7026M
2-Phase Stepper Motor Unipolar Driver ICs (2-Phase/1-2 Phase Excitation)
SLA7027MU/SLA7024M/SLA7026M
sNote
The excitation input signals of the SLA7027MU, SLA7024M and SLA7026M can be used as either Active High or Active Low. Note,
however, that the corresponding output (OUT) changes depending on the input (IN).
Active Low
Input
Corresponding output
INA (pin6)
OUTA (pin8)
INA (pin5)
OUTA (pin1)
INB (pin17)
OUTB (pin18)
INB (pin16)
OUTB (pin11)
Active High
Input
Corresponding output
INA (pin6)
OUTA (pin1)
INA (pin5)
OUTA (pin8)
INB (pin17)
OUTB (pin11)
INB (pin16)
OUTB (pin18)
sSupply Voltage VCC vs. Supply Current ICC
0
Supply voltage VCC (V)
500
400
300
200
100
0
10
20
30
40
50
Motor : 23LM-C202
1-phase excitation
Holding mode
IO : Output current
IO=1A
0.4A
0.2A
0
Supply voltage VCC (V)
500
400
300
200
100
0
10
20
30
40
50
0.2A
0.5A
IO=1A
Motor : 23LM-C004
1-phase excitation
Holding mode
IO : Output current
0
Supply voltage VCC (V)
1.5
1.0
0.5
0
10
20
30
40
50
Motor : 23PM-C503
1-phase excitation
Holding mode
IO : Output current
IO=1A
IO=2A
IO=3A
SLA7027MU
SLA7024M
SLA7026M


유사한 부품 번호 - SLA7024M

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SLA7024M ALLEGRO-SLA7024M Datasheet
137Kb / 12P
   HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
logo
Sanken electric
SLA7024M SANKEN-SLA7024M Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7024M SANKEN-SLA7024M Datasheet
86Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7024M SANKEN-SLA7024M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
More results

유사한 설명 - SLA7024M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com