전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA5117 데이터시트(PDF) 1 Page - Sanken electric

부품명 SMA5117
상세설명  N-channel 3-phase DC motor 100V AC direct drive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA5117 데이터시트(HTML) 1 Page - Sanken electric

  SMA5117 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
138
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
Re(yfs)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
Safe Operating Area (SOA)
PT-Ta Characteristics
Characteristic curves
SMA5117
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
250
V
VGSS
±20
V
ID
±7A
ID(pulse)
±15 (PW≤1ms, Du≤1%)A
EAS*
120
mJ
4 (Ta=25
°C, with all circuits operating, without heatsink)W
35 (Tc=25
°C, with all circuits operating, with infinite heatsink)W
θ j–a
31.2 (Junction-Air, Ta=25
°C, with all circuits operating)
°C/W
θ j–c
3.57 (Junction-Case, Tc=25
°C, with all circuits operating)
°C/W
Tch
150
°C
Tstg
–40 to +150
°C
* : VDD=25V, L=4.4mH, ID=7A, unclamped, RG=50
Ω, see Fig. E on page 15.
PT
(Ta=25
°C)
Symbol
Unit
Conditions
V(BR)DSS
250
V
ID=100
µA, VGS=0V
IGSS
±100
nA
VGS=
±20V
IDSS
100
µAVDS=250V, VGS=0V
VTH
2.0
4.0
V
VDS=10V, ID=1mA
Re(yfs)
4.5
6.5
S
VDS=10V, ID=3.5A
RDS(ON)
0.2
0.25
VGS=10V, ID=3.5A
Ciss
850
pF
VDS=10V,
Coss
550
pF
f=1.0MHz,
Crss
250
pF
VGS=0V
td(on)
20
ns
ID=3.5A,
tr
25
ns
VDD 100V,
td(off)
90
ns
RL=28.6
Ω, VGS=10V,
tf
70
ns
see Fig. 3 on page 16.
VSD
1.1
1.5
V
ISD=7A, VGS=0V
trr
85
ns
ISD=3.5A, VGS=0V, di/dt=100A/
µs
Specification
min
typ
max
2
3
4
8
7
5
6
9
10
12
11
1
02
4
0
3
2
1a
4
5
6
7
6
VDS (V)
810
5.5V
5V
4.5V
VGS=4V
10V
6V
02
4
0
3
2
1
4
7
6
5
68
VGS (V)
(VDS=10V)
TC=–40
°C
125
°C
25
°C
0
0
0.15
0.1
0.05
0.2
0.25
0.3
ID (A)
56
7
4
12
3
(VGS=10V)
0.05
0.5
0.1
0.3
1
0.5
10
5
20
ID (A)
1
7
5
(VDS=10V)
125
°C
25
°C
Tc=
–40
°C
–40
0
0
0.2
0.1
0.3
0.4
0.5
TC (
°C)
100
50
150
ID=3.5A
VGS=10V
020
10
30
10
100
50
500
1000
3000
40
50
VDS (V)
Ciss
Coss
Crss
VGS=0V
f=1MHz
0
0.5
1.0
1.5
0
3
1
2
4
5
6
7
VSD (V)
(VGS=0V)
1
0.5
10
5
100
50
0.1
0.05
0.01
1
0.5
5
10
30
500
VDS (V)
10m
s
(1shot)
1ms
10
s
RDS (ON) LIMITED
ID
(pulse) max
(TC=25
°C)
25
30
35
40
20
15
10
5
0
With Silicone Grease
Natural Cooling
All Circuits Operating
0
50
100
150
Ta (
°C)
Without Heatsink
N-channel
3-phase DC motor 100V AC direct drive
External dimensions
B • • • SMA
Absolute maximum ratings
sEquivalent circuit diagram
Electrical characteristics


유사한 부품 번호 - SMA5117

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA5117 SANKEN-SMA5117 Datasheet
35Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5117 SANKEN-SMA5117_01 Datasheet
35Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
More results

유사한 설명 - SMA5117

제조업체부품명데이터시트상세설명
logo
Sanken electric
SMA5112 SANKEN-SMA5112_01 Datasheet
36Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5112 SANKEN-SMA5112 Datasheet
36Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5117 SANKEN-SMA5117 Datasheet
35Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5112 SANKEN-SMA5112 Datasheet
22Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5117 SANKEN-SMA5117_01 Datasheet
35Kb / 1P
   N-channel 3-phase DC motor 100V AC direct drive
SMA5118 SANKEN-SMA5118 Datasheet
36Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
logo
List of Unclassifed Man...
SLA5075 ETC-SLA5075 Datasheet
40Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
logo
Sanken electric
SMA5118 SANKEN-SMA5118 Datasheet
36Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
SLA5075 SANKEN-SLA5075 Datasheet
33Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
SLA5075 SANKEN-SLA5075 Datasheet
33Kb / 1P
   N-channel 3-phase DC motor 200V AC direct drive
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com