전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

90059-0015 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 90059-0015
상세설명  2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, Natural Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX10 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

90059-0015 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  90059-0015 Datasheet HTML 1Page - Molex Electronics Ltd. 90059-0015 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0900590015
Status:
Active
Overview:
cgrid_iii|cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® Micro Shunt, Low Profile, Natural Housing
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-90059 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Accessories
Series
90059
Component Type
Shunt
Overview
cgrid_iii|cgrid__sl_products
Product Name
C-Grid®, C-Grid III™, SL™
Physical
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Nickel
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
8
Plating min: Termination (µm)
0.2
Polarized to Mating Part
Yes
Temperature Range - Operating
-65°C to +120°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3A
Material Info
Reference - Drawing Numbers
Product Specification
PS-90059
Sales Drawing
SDA-90059
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90059Series
Use With
(0.64)/.025 square and round pins
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 90059-0015

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
90059-0011 MOLEX10-90059-0011 Datasheet
164Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, 15mm Select Gold (Au) with Gold (Au) Flash Plating
90059-0013 MOLEX10-90059-0013 Datasheet
163Kb / 2P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, 35mm Pretinned Plating
90059-0014 MOLEX10-90059-0014 Datasheet
167Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, 4mm Gold Plating
90059-0016 MOLEX10-90059-0016 Datasheet
166Kb / 2P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, Red Housing
90059-0017 MOLEX10-90059-0017 Datasheet
167Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, White Housing
More results

유사한 설명 - 90059-0015

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0900591020 MOLEX10-0900591020 Datasheet
102Kb / 2P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, Black Housing
0900590020 MOLEX10-0900590020 Datasheet
163Kb / 2P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, Black Housing
0900590016 MOLEX10-0900590016 Datasheet
166Kb / 2P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, Red Housing
0900590017 MOLEX10-0900590017 Datasheet
167Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, White Housing
0900590013 MOLEX10-0900590013 Datasheet
163Kb / 2P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, 35mm Pretinned Plating
0900590014 MOLEX10-0900590014 Datasheet
167Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, 4mm Gold Plating
0900591007 MOLEX10-0900591007 Datasheet
163Kb / 2P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, 200mm Tin (Sn) Plating
0900590007 MOLEX10-0900590007 Datasheet
163Kb / 2P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, 200mm Tin (Sn) Plating
0015291027 MOLEX1-0015291027 Datasheet
120Kb / 2P
   2.54mm (.100") Pitch C-Grid짰 Shunt Terminal Housings
0900590009 MOLEX10-0900590009 Datasheet
163Kb / 2P
   2.54mm (.100) Pitch C-Grid짰 Micro Shunt, Low Profile, 15mm" Select Gold (Au) with Gold (Au) Flash Plating
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com