전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1SV249 데이터시트(PDF) 1 Page - Sanyo Semicon Device

부품명 1SV249
상세설명  PIN Diode for VHF, UHF, AGC Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SV249 데이터시트(HTML) 1 Page - Sanyo Semicon Device

  1SV249 Datasheet HTML 1Page - Sanyo Semicon Device 1SV249 Datasheet HTML 2Page - Sanyo Semicon Device 1SV249 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SV249
Ordering number :EN4401A
PIN Diode for VHF, UHF, AGC Applications
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Silicon Epitaxial Type
41098HA (KT)/53196GI/40593YH (KOTO) AX-8285 No.4401-1/3
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Note:The specifications shown above are for each individual diode.
· Marking:GV
Features
· Very small-sized package facilitates high-density
mounting and permits 1SV249-applied equipment to
be made smaller.
· Small interterminal capacitance (C=0.23pF typ).
· Small forward series resistance (rs=4.5
Ω max).
˚C
˚C
1:Anode
2:Cathode
3:Cathode, Anode
SANYO:MCP
Package Dimensions
unit:mm
1246A
[1SV249]
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
5V
t
n
e
r
r
u
C
d
r
a
w
r
o
FIF
0
5A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
AP
0
0
1W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
1
=0
5V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
5
=
1
.
0A
µ
e
g
a
t
l
o
V
d
r
a
w
r
o
F
VF
IF
A
m
0
5
=2
9
.
0V
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
5
=3
2
.
0F
p
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
Ss
rIF
z
H
M
0
0
1
=
f
,
A
m
0
1
=
5
.
4
Electrical Connection


유사한 부품 번호 - 1SV249

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
1SV249 KEXIN-1SV249 Datasheet
44Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV249 SANYO-1SV249 Datasheet
369Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
logo
ON Semiconductor
1SV249 ONSEMI-1SV249 Datasheet
261Kb / 6P
   PIN Diode
September, 2013
1SV249-TL-E ONSEMI-1SV249-TL-E Datasheet
261Kb / 6P
   PIN Diode
September, 2013
logo
Sanyo Semicon Device
1SV249 SANYO-1SV249_12 Datasheet
369Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
More results

유사한 설명 - 1SV249

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
1SV266 KEXIN-1SV266 Datasheet
36Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV263 SANYO-1SV263_12 Datasheet
415Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV247 SANYO-1SV247 Datasheet
55Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV250 SANYO-1SV250 Datasheet
62Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264_12 Datasheet
369Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
1SV234 SANYO-1SV234_12 Datasheet
355Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267_12 Datasheet
359Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
1SV241 SANYO-1SV241 Datasheet
63Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV251 SANYO-1SV251 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
1SV264 SANYO-1SV264 Datasheet
66Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com