전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-500998-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-500998-001
상세설명  2.50mm (.098") Pitch SD Memory Card Connector, Shielded, Top Mount, Push-Push Ejector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500998-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-500998-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500998-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-500998-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-500998-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-500998-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-500998-001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5009980900
Status:
Active
Description:
2.50mm (.098") Pitch SD Memory Card Connector, Shielded, Top Mount, Push-Push
Ejector, Embossed Tape Packaging, Lead-free
Documents:
3D Model
Product Specification PS-500998-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
500998
Button Type
Push-Push
Component Type
Header & Ejector (Host)
Product Name
SD Card
Type
N/A
Physical
Card Detection Switch
Open
Circuits (Loaded)
9
Color - Resin
Black
Durability (mating cycles max)
10,000
Ejector Button Side
Left
Entry Angle
90° Angle (Side Entry)
Keying to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze, Stainless Steel, Steel
Material - Plating Mating
Gold
Material - Plating Termination
Gold, Tin
Material - Resin
High Temperature Thermoplastic
PCB Locator
Yes
PCB Mounting Side
Normal
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Plating min: Mating (µin)
8
Plating min: Mating (µm)
0.2
Plating min: Termination (µin)
2, 40
Plating min: Termination (µm)
0.05, 1
Ports
1
Temperature Range - Operating
-25°C to +90°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
Yes
Voltage - Maximum
100V AC
Material Info
Reference - Drawing Numbers
Product Specification
PS-500998-003, RPS-500998-001, RPS-500998-033,
RPS-500998-034, RPS-500998-035, RPS-500998-036
Sales Drawing
SD-500998-001, SD-500998-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500998Series
Use With
SD Card


유사한 부품 번호 - SD-500998-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-500999-002 MOLEX11-SD-500999-002 Datasheet
516Kb / 6P
   2.50mm (.098") Pitch SD Memory Card Connector, Shielded Type, Top Mount, Push- Push Ejector, Ultra Short Solder Tab
SD-500999-004 MOLEX11-SD-500999-004 Datasheet
516Kb / 6P
   2.50mm (.098") Pitch SD Memory Card Connector, Shielded Type, Top Mount, Push- Push Ejector, Ultra Short Solder Tab
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com