전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-500811-002 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 SD-500811-002
상세설명  Mini-HMC Rectangular Industrial Wire-to-Wire Cover, Right Angle, 40 Circuits, for Plug
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500811-002 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  SD-500811-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500811-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-500811-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-500811-002

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-500810-001 MOLEX11-SD-500810-001 Datasheet
156Kb / 3P
   Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type B
SD-500810-001 MOLEX11-SD-500810-001 Datasheet
156Kb / 3P
   Mini-HMC Shielded I/O Plug Shell, 40 Circuits, 8 Rows, Polarizing Key Type A
SD-500812-001 MOLEX11-SD-500812-001 Datasheet
99Kb / 3P
   3.00mm (.118") Pitch Mini-HMC Crimp Housing, Male, 2 Rows, 10 Circuits
SD-500817-001 MOLEX11-SD-500817-001 Datasheet
119Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire Retainer, 5 Circuits
SD-500817-001 MOLEX11-SD-500817-001 Datasheet
119Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire Retainer, 3 Circuits
More results

유사한 설명 - SD-500811-002

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0584740001 MOLEX7-0584740001 Datasheet
151Kb / 3P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 40 Circuit, External ThreadPG29, for Small Plug
0584740000 MOLEX7-0584740000 Datasheet
151Kb / 3P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 40 Circuit, External Thread PG29, for Large Plug
0563860000 MOLEX7-0563860000 Datasheet
89Kb / 2P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 36 Circuits, External Thread, PG29
0563870000 MOLEX7-0563870000 Datasheet
91Kb / 2P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 48 and 72 Circuits, ExternalThread, PG36
0587830011 MOLEX7-0587830011 Datasheet
314Kb / 5P
   HMC??Rectangular Industrial Receptacle Shell Assembly, Single Module Type, ForSmall Plug Cover, For Panel Mount and Wire-to-Wire, 12 and 40 Circuits
0587830010 MOLEX7-0587830010 Datasheet
242Kb / 4P
   HMC??Rectangular Industrial Receptacle Shell Assembly, Single Module Type, ForLarge Plug Cover, For Panel Mount and Wire-to-Wire, 52 Circuits
0587820011 MOLEX7-0587820011 Datasheet
276Kb / 5P
   HMC??Rectangular Industrial Plug Shell Assembly, Single Module Type, For Small Plug Cover, 12 and 40 Circuits
0587820010 MOLEX7-0587820010 Datasheet
214Kb / 4P
   HMC??Rectangular Industrial Plug Shell Assembly, Single Module Type, For LargePlug Cover, 52 Circuits
0512371205 MOLEX7-0512371205 Datasheet
91Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover, For Wire-to-Wire, Receptacle Assembly12 Circuits
0512372005 MOLEX7-0512372005 Datasheet
90Kb / 3P
   CRC??Shielded Rectangular I/O Mold Cover, For Wire-to-Wire, Receptacle Assembly20 Circuits
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com