전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-500024-018 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-500024-018
상세설명  0.40mm (.016") Pitch Board-to-Board SlimStack Receptacle, Surface Mount, Dual Row
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500024-018 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-500024-018 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500024-018 Datasheet HTML 2Page - Molex Electronics Ltd. SD-500024-018 Datasheet HTML 3Page - Molex Electronics Ltd. SD-500024-018 Datasheet HTML 4Page - Molex Electronics Ltd. SD-500024-018 Datasheet HTML 5Page - Molex Electronics Ltd. SD-500024-018 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5000246471
Status:
Active
Description:
0.40mm (.016") Pitch Board-to-Board SlimStack™ Receptacle, Surface Mount, Dual
Row, Vertical, 0.95mm (.037") Mated Height, without Friction Lock, 64 Circuits, Lead-
free
Documents:
3D Model
Product Specification PS-500024-011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-500024-008 (PDF)
General
Product Family
PCB Receptacles
Series
500024
Application
Board-to-Board
Comments
Solder Tab Plating: Lead-Free, Tin
Product Name
SlimStack™
Physical
Circuits (Loaded)
64
Color - Resin
Natural
Durability (mating cycles max)
10
Glow-Wire Compliant
No
Lock to Mating Part
None
Mated Height (in)
0.037 In
Mated Height (mm)
0.95 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.016 In
Pitch - Mating Interface (mm)
0.40 mm
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.1
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to PCB
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.1A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Product Specification
PS-500024-008, PS-500024-011, RPS-500024-019,
RPS-500024-020, RPS-500024-023, RPS-500024-025,
RPS-500024-026, RPS-500024-030, RPS-500024-031,
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500024Series
Mates With
5000276442


유사한 부품 번호 - SD-500024-018

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-500075-007 MOLEX-SD-500075-007 Datasheet
96Kb / 1P
   MINI-B STRAIGHT TYPE 2 REC. ASSY -LEAD FREE-
2004.03.30
SD-500075-008 MOLEX11-SD-500075-008 Datasheet
129Kb / 3P
   USB On-The-Go (OTG) Mini-B Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs, Lead-free
SD-500075-008 MOLEX-SD-500075-008 Datasheet
98Kb / 1P
   USB SERIES MINI-B STRAIGHT TYPE 2 REC ASSY -LEAD FREE-
04.08.30
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com