전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-501013-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-501013-001
상세설명  PowerCat 5e Modular Jack Adapter Assembly, Vertical, with Shutter, 8/8, for LAN Printing, with Cover
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501013-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-501013-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501013-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5010130800
Status:
Active
Description:
PowerCat™ 5e Modular Jack Adapter Assembly, Vertical, with Shutter, 8/8, for LAN
Printing, with Cover
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-501013-001 (PDF)
General
Product Family
Modular Jacks/Plugs
Series
501013
Component Type
Wire Jack
Magnetic
No
Performance Category
5e
Power over Ethernet (PoE)
N/A
Product Name
Datagate™, PowerCat™, RJ45
Physical
Color - Resin
White
Durability (mating cycles max)
200
Inverted / Top Latch
N/A
Keying to Mating Part
Yes
Lightpipes/LEDs
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
ABS, Polycarbonate
Orientation
Vertical (Top Entry)
PCB Retention
N/A
Packaging Type
Bag
Panel Mount
Yes
Ports
1
Positions / Loaded Contacts
8/8
Temperature Range - Operating
N/A
Termination Interface: Style
N/A
Waterproof / Dustproof
No
Wire/Cable Type
CAT 5
Electrical
Current - Maximum per Contact
1.2A
Shielded
Yes
Voltage - Maximum
1000V
Material Info
Reference - Drawing Numbers
Product Specification
PS-501013-001
Sales Drawing
SD-501013-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501013Series
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-501013-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-501013-002 MOLEX11-SD-501013-002 Datasheet
128Kb / 2P
   PowerCat 6 Modular Jack Adapter Assembly, Vertical, with Shutter, 8/8, for LAN
SD-501013-003 MOLEX11-SD-501013-003 Datasheet
109Kb / 2P
   PowerCat 5e Modular Jack Adapter Assembly, Vertical, with Shutter, 8/8, for Internet Printing, with Cover
More results

유사한 설명 - SD-501013-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
5010130820 MOLEX11-5010130820 Datasheet
109Kb / 2P
   PowerCat 5e Modular Jack Adapter Assembly, Vertical, with Shutter, 8/8, for Internet Printing, with Cover
5010130810 MOLEX11-5010130810 Datasheet
128Kb / 2P
   PowerCat 6 Modular Jack Adapter Assembly, Vertical, with Shutter, 8/8, for LAN
0855065001 MOLEX9-0855065001 Datasheet
112Kb / 3P
   Modular Jack, Vertical, 8/8, Cat5E, With Ribs
0424108552 MOLEX5-0424108552 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/8 with Panel Stops, Keyed
0424108506 MOLEX5-0424108506 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/8
0424108314 MOLEX5-0424108314 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/8
0424108314 MOLEX1-0424108314_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, 8/8
0424108554 MOLEX5-0424108554 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/8, Keyed
0855110001 MOLEX9-0855110001 Datasheet
117Kb / 3P
   Modular Jack, Vertical, 8/8, Cat5
0859993255 MOLEX9-0859993255 Datasheet
100Kb / 2P
   Blind Plug Dust Cover for 8 Position Modular Jack
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com