전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-112095-5021 데이터시트(PDF) 3 Page - Molex Electronics Ltd.

부품명 SD-112095-5021
상세설명  BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-112095-5021 데이터시트(HTML) 3 Page - Molex Electronics Ltd.

  SD-112095-5021 Datasheet HTML 1Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 2Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 3Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Features
Supports Modbus TCP
(TCP/IP & UDP)
Accepts M12 threaded connectors or
BradConnectivityUltra-Lock
connection system
Standard hole pattern allows for
interchangeability with popular I/O
modules
Supports PNP & NPN input devices
Several I/O configurations to choose
from
TCDEM-8YYX-DIU offers 16 points of
configurable I/O where the user can
configure each point as either an input,
output or input/output
Visible LEDs provide maintenance
personnel with the ability to easily
determine I/O, module & network
status
Rated IP67 for harsh environments
Designed for direct machine mount
applications
IP addressing via Bootp, DHCP or
static (through web interface, push
button & Modbus commands)
Scrolling 4 characters status display
for IP addressing and module status
Built-in 3-port Ethernet switch
10/100 Mbps auto-sensing and
crossover capability
Built-in web server for remote
monitoring, configuration and
diagnostics
Configurable I/O capability (through
web interface & Modbus commands)
Watchdog
Typical Applications
Machine tool industry
Material handling systems
Filling & packaging
Steel industry
HarshIO 600 eMB
IP67 Modbus TCP I/O block
I/O Systems for Harsh Duty Environments
BradControl
Modbus I/O modules provide a reliable solution for connecting
industrial controllers to I/O devices in harsh duty environments.
Contained in an IP67 rated housing, BradControl I/O modules can be machine
mounted and are able to withstand areas where liquids, dust or vibration may be
present. This makes them ideally suited for many applications including material
handling equipment and automated assembly machinery.
Advanced network features such as 10/100 Mbps auto-sensing, web server
capabilities and a flexible IP address setup method, make configuration and
operation simple. Following traditional industrial fieldbus practices, standard M12
connectors from sensing devices or actuators plug directly into the I/O module.
An environmentally sealed IP67 connection between the I/O module and the
Ethernet network is created using the Ultra-Lock
connection system built into
the BradControl Ethernet I/O module.
The BradControl
IP67 I/O modules provide a reliable
solution for connecting industrial controllers to I/O
devices in harsh environments.
24 Mar. 10
DW2007208


유사한 부품 번호 - SD-112095-5021

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-112095-5021 MOLEX11-SD-112095-5021 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
SD-112095-5021 MOLEX11-SD-112095-5021 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
More results

유사한 설명 - SD-112095-5021

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1120955010 MOLEX11-1120955010 Datasheet
977Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955006 MOLEX11-1120955006 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs NPN
1120955007 MOLEX11-1120955007 Datasheet
966Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs PNP
1120955026 MOLEX11-1120955026 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955027 MOLEX11-1120955027 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955009 MOLEX11-1120955009 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955008 MOLEX11-1120955008 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955005 MOLEX11-1120955005 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
1120955004 MOLEX11-1120955004 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs NPN
1120955023 MOLEX11-1120955023 Datasheet
437Kb / 4P
   BradControl??Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com