전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-502761-002 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-502761-002
상세설명  0.30mm (.012") Pitch Easy-On Type FPC Connector, Right Angle, SMT, Bottom Contact, 0.62mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502761-002 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-502761-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502761-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502761-002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502761-002 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502761-002 Datasheet HTML 5Page - Molex Electronics Ltd. SD-502761-002 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5027614900
Status:
Active
Description:
0.30mm (.012") Pitch Easy-On™ Type FPC Connector, Right Angle, SMT, Bottom
Contact, 0.62mm (.024") Mated Height, 49 Circuits
Documents:
3D Model
Product Specification PS-502761-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
FFC/FPC Connectors
Series
502761
Comments
FPC with tabs
Product Name
Easy-On™
Physical
Circuits (Loaded)
49
Color - Resin
Black
Contact Position
Bottom
Durability (mating cycles max)
10
Entry Angle
90° Angle
Mated Height (in)
0.024 In
Mated Height (mm)
0.62 mm
Material - Metal
Copper-Nickel-Tin
Material - Plating Mating
Gold
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.012 In
Pitch - Mating Interface (mm)
0.30 mm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FPC only
Electrical
Current - Maximum per Contact
0.2A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Product Specification
PS-502761-001, RPS-502761-001
Sales Drawing
SD-502761-001, SD-502761-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502761Series
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-502761-002

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-502761-002 MOLEX11-SD-502761-002 Datasheet
668Kb / 6P
   0.30mm (.012") Pitch Easy-On Type FPC Connector, Right Angle, SMT, Bottom Contact
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com