전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-501826-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-501826-001
상세설명  CMC Wire-to-Wire Connector Plug Housing Wire Dress Cover, 32 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501826-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-501826-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501826-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5018263201
Status:
Active
Overview:
cmc_connectors
Description:
CMC Wire-to-Wire Connector Plug Housing Wire Dress Cover, 32 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
501826
Component Type
Cover
Overview
cmc_connectors
Product Name
CMC
Physical
Breakaway
No
Circuits (Loaded)
N/A
Color - Resin
Black
Gender
N/A
Material - Resin
Nylon
Number of Rows
0
Packaging Type
Bag
Polarized to Mating Part
N/A
Temperature Range - Operating
-40°C to +100°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-500993-002
Packaging Specification
SPK-501826-001
Product Specification
RPS-500993-001
Sales Drawing
SD-501826-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501826Series
Use With
501820 Plug Housing
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-501826-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-501827-001 MOLEX11-SD-501827-001 Datasheet
88Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 0.64, AVSS 0.3-0.5
SD-501827-001 MOLEX-SD-501827-001 Datasheet
63Kb / 1P
   CMC W/W CONN. MALE TERMINAL 0.64 -LEAD FREE-
05.09.09
SD-501828-001 MOLEX11-SD-501828-001 Datasheet
88Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 0.85
SD-501828-001 MOLEX11-SD-501828-001 Datasheet
99Kb / 2P
   CMC Wire-to-Wire Connector Male Terminal 1.5, AVSS 1.25-2.0
SD-501828-001 MOLEX-SD-501828-001 Datasheet
68Kb / 1P
   CMC W/W CONN. MALE TERMINAL 1.5 -LEAD FREE-
05.09.09
More results

유사한 설명 - SD-501826-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
5018263201 MOLEX1-5018263201_18 Datasheet
36Kb / 1P
   CMC Wire-to-Wire Connector Plug Housing Wire Dress Cover, 32 Circuits
5018303201 MOLEX11-5018303201 Datasheet
145Kb / 3P
   CMC Wire-to-Wire Connector Rec Housing Wire Dress Cover, 32 Circuits
5018303201 MOLEX1-5018303201_18 Datasheet
30Kb / 1P
   CMC Wire-to-Wire Connector Rec Housing Wire Dress Cover, 32 Circuits
5018203201 MOLEX1-5018203201 Datasheet
56Kb / 2P
   CMC Wire-to-Wire Connector Plug Housing Assembly, 32 Circuits
501820-3201 MOLEX11-501820-3201 Datasheet
67Kb / 1P
   CMC Wire-to-Wire Connector Plug Housing Assembly, 32 Circuits
0986491003 MOLEX1-0986491003_18 Datasheet
62Kb / 2P
   CMC Wire Cap for 32 Circuits CMC Receptacle
0643191201 MOLEX7-0643191201 Datasheet
177Kb / 3P
   CMC Wire Cap for 32 Circuits, CMC Receptacle Mat Sealed
logo
Adam Technologies, Inc.
DMH-F-XX ADAM-TECH-DMH-F-XX Datasheet
171Kb / 1P
   WIRE TO WIRE CONNECTOR HOUSING
logo
Molex Electronics Ltd.
0643191201 MOLEX1-0643191201_18 Datasheet
69Kb / 2P
   CMC Wire Cap for 32 Circuits, CMC Receptacle Mat Sealed
35150-0612 MOLEX11-35150-0612 Datasheet
42Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com