전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-94352-001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-94352-001
상세설명  2.50mm (.098") Pitch MultiMediaCard Connector, Unshielded, Low Profile, Right Angle, SMT, Reverse Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-94352-001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-94352-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-94352-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-94352-001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0943525007
Status:
Active
Description:
2.50mm (.098") Pitch MultiMediaCard Connector, Unshielded, Low Profile, Right Angle,
SMT, Reverse Mount, Embossed Tape Packaging, Lead-Free, RoHS Compliant, Black
Documents:
Packaging Specification (PDF)
Drawing (PDF)
Test Summary (PDF)
Product Specification PS-94352-001 (PDF)
3D Model
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
94352
Button Type
N/A
Component Type
Header/Socket (Host)
Product Name
MultiMediaCard
Type
N/A
Physical
Card Detection Switch
N/A
Circuits (Loaded)
7
Color - Resin
Black
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
90° Angle (Side Entry)
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PCB Locator
No
PCB Mounting Side
Reverse
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
152
Plating min: Termination (µm)
3.8
Ports
1
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-25°C to +90°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
No
Voltage - Maximum
3.3V DC
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Process Temperature max. C
245
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94352Series
Use With
MultiMediaCard


유사한 부품 번호 - SD-94352-001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-94322-001 MOLEX11-SD-94322-001 Datasheet
99Kb / 2P
   3.00mm (.118) Pitch, Battery Connector, SMT, 6 CKT
SD-94328-001 MOLEX11-SD-94328-001 Datasheet
76Kb / 2P
   SMT, Micro Spring Contact for Board to Board Connection
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com