전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-120066-013 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-120066-013
상세설명  Micro-Change (M12) 4 Pole, Female (90째) to Male (Straight) Cordset, 4-22 AWG PVC Cable, 5.0M (16.40 )
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120066-013 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-120066-013 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120066-013 Datasheet HTML 2Page - Molex Electronics Ltd. SD-120066-013 Datasheet HTML 3Page - Molex Electronics Ltd. SD-120066-013 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200661273
Status:
Active
Overview:
microchange_m12_connectors
Description:
Micro-Change® (M12) 4 Pole, Female (90°) to Male (Straight) Cordset, 4-22 AWG PVC
Cable, 5.0M (16.40' )
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
UL
E152210
General
Product Family
Industrial Cordsets
Series
120066
Connector End A
Micro-Change® (M12)
Connector End B
Micro-Change® (M12)
IP Rating
IP68
NEMA Rating
NEMA 6
Overview
microchange_m12_connectors
Product Name
Micro-Change® (M12)
Type
Double Ended
Physical
Cable Diameter
5.08mm (.200")
Cable Length
5.0m (16.40' )
Color - Cable Jacket
Yellow
Coupling Style
Threaded
Gender
Female-Male
Keyway
Single
LED Indicator
No
Material - Cable Jacket
PVC
Material - Connector Body
PUR
Material - Contact
Copper
Material - Coupling Nut
Nickel-plated Brass
Material - O-Ring
Viton
Material - Plating Mating
Gold over Nickel
Orientation
90° to Straight
Poles
4
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
22
Wire/Cable Type
UL 2661
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V AC/DC
Material Info
Old Part Number
884031A09M050
Reference - Drawing Numbers
Sales Drawing
SD-120066-013
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120066Series
This document was generated on 05/31/2010


유사한 부품 번호 - SD-120066-013

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-120066-013 MOLEX11-SD-120066-013 Datasheet
163Kb / 4P
   Micro-Change짰 (M12) 4 Pole, Female (90째) to Male (Straight) Cordset, 4-22 AWG PVC Cable
More results

유사한 설명 - SD-120066-013

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1200661265 MOLEX11-1200661265 Datasheet
163Kb / 4P
   Micro-Change짰 (M12) 4 Pole, Female (90째) to Male (Straight) Cordset, 4-22 AWG PVC Cable
1200660284 MOLEX-1200660284 Datasheet
50Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow PVC Cable, 5.0m (16.40) Length
02/01/2023
1300480090 MOLEX-1300480090 Datasheet
27Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 24 AWG, PVC Cable, 5.0m (16.40) Length
01/31/2023
1200660692 MOLEX-1200660692 Datasheet
34Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow TPE Cable, 5.0m (16.40) Length
01/31/2023
1300480116 MOLEX-1300480116 Datasheet
27Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 22 AWG, PUR Cable, 5.0m (16.40) Length
02/01/2023
1200660434 MOLEX-1200660434 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow PVC Cable, 5.0m (16.40) Length
02/01/2023
1201088424 MOLEX-1201088424 Datasheet
27Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (Straight), 24 AWG, Teal PVC Cable, 5.0m (16.40) Length
02/01/2023
1300480139 MOLEX-1300480139 Datasheet
28Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male (90°), 24 AWG, PVC Cable, 5.0m (16.40) Length
01/31/2023
1200808005 MOLEX-1200808005 Datasheet
27Kb / 1P
   Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, PUR Cable, 5.0m (16.40) Length
09/23/2022
1200800311 MOLEX-1200800311 Datasheet
28Kb / 2P
   Micro-Change (M12) to Ultra-Lock (M12) Double-Ended Cordset, 5 Poles, Female (Straight) to Male (Straight), 22 AWG, PVC Cable, 5.0m (16.40) Length
11/18/2022
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com