전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-120084-027 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 SD-120084-027
상세설명  Ultra-Lock (M12) 4 Pole, Front Panel Mount Receptacle, 1/2"-14 NPT Mounting Thread, 22
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120084-027 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  SD-120084-027 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120084-027 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1200840007
Status:
Active
Overview:
ultralock_connection_system
Description:
Ultra-Lock® (M12) 4 Pole, Front Panel Mount Receptacle, 1/2"-14 NPT Mounting
Thread, 22 AWG PVC Leads, 0.30M (11.81")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
General
Product Family
Industrial Receptacles
Series
120084
IP Rating
IP69K
NEMA Rating
NEMA 6
Overview
ultralock_connection_system
Product Name
Ultra-Lock® (M12)
Type
Single Ended (pigtail)
Physical
Coupling Type
Internal Thread
Gender
Female
Keyway
Single
Length
0.30m (11.81")
Material - Component
Nickel-plated Brass
Mounting Thread Size
1/2" - 14 NPT
Orientation
Straight
Panel Mount
Front
Poles
4
Temperature Range - Operating
-25°C to +90°C
Wire Size AWG
22
Wire/Cable Type
UL 1061
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V AC/DC
Material Info
Old Part Number
WR4000A18C300
Reference - Drawing Numbers
Sales Drawing
SD-120084-027
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120084Series
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - SD-120084-027

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-120084-027 MOLEX11-SD-120084-027 Datasheet
155Kb / 2P
   Ultra-Lock (M12) 5 Pole, Front Panel Mount Receptacle, 1/2"-14 NPT Mounting Thread, 22 AWG PVC Leads
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com