전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-94535-009 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 SD-94535-009
상세설명  Housing for RAST 5, 2 Circuits, with Secondary Locking and External Latch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-94535-009 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  SD-94535-009 Datasheet HTML 1Page - Molex Electronics Ltd. SD-94535-009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


유사한 부품 번호 - SD-94535-009

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-94506-001 MOLEX11-SD-94506-001 Datasheet
89Kb / 2P
   Quick Disconnect Safelock Housing, accepts 6.35 x 0.81mm (.250"x.032") Female Tab Terminal
SD-94506-0XXX MOLEX11-SD-94506-0XXX Datasheet
87Kb / 2P
   Quick Disconnect, Safelock Female for 0.50-1.00mm짼 (18-24 AWG) Wire, Accepts 6.35mm
SD-94509-003 MOLEX11-SD-94509-003 Datasheet
1Mb / 21P
   Housing for Straight Fork Terminal, 2 Circuits, Polarization B
SD-94509-003 MOLEX11-SD-94509-003 Datasheet
605Kb / 11P
   Housing for Straight Fork Terminal, 6 Circuits, Polarization A
SD-94509-003 MOLEX11-SD-94509-003 Datasheet
605Kb / 11P
   Housing for Straight Fork Terminal, 3 Circuits, Polarization B
More results

유사한 설명 - SD-94535-009

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0945509206 MOLEX11-0945509206 Datasheet
143Kb / 2P
   5.00mm (.197") Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 6 Circuits, Natural, with Sec. Locking and External Latch
logo
Tyco Electronics
1-968977-9 MACOM-1-968977-9 Datasheet
286Kb / 1P
   2.8MM TAB HOUSING, 3POS WITH SECONDARY LOCKING DEVICE
logo
PHOENIX CONTACT
1775567 PHOENIX-1775567 Datasheet
91Kb / 3P
   Sleeve housing, for double locking latch, height 76 mm, with screw Sleeve housing, for double locking latch, height 76 mm, with screw
logo
Molex Electronics Ltd.
0359550220 MOLEX5-0359550220 Datasheet
77Kb / 2P
   6.35mm (.250") Tab Wire-to-Wire Receptacle Housing, Locking Latch, 2 Circuits
logo
TE Connectivity Ltd
C-1971817 TEC-C-1971817 Datasheet
784Kb / 5P
   RAST 2.5 TAB HEADER ASSY TH, VERTICAL, EXTERNAL LOCKING
logo
Molex Electronics Ltd.
0491160211 MOLEX6-0491160211 Datasheet
192Kb / 2P
   2.54mm (.100") Pitch 2 Way Female Housing Assemblie, Secondary Locking, Crash Sensor
0916270501 MOLEX11-0916270501 Datasheet
612Kb / 5P
   5.00mm (.197") Pitch Appli-Mate RAST 5 IDT Housing, Direct/Indirect, Female, 2 Circuits
logo
Amphenol Communications...
65182 AMPHENOLCS-65182 Datasheet
61Kb / 1P
   locking latch
Rev J
logo
Molex Electronics Ltd.
1501761020 MOLEX1-1501761020 Datasheet
51Kb / 1P
   EconoLatch Plug Housing, Single Row, with Panel Mount Latch, 2 Circuits
19-09-1029 MOLEX11-19-09-1029 Datasheet
43Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Receptacle Housing with Positive Latch, UL 94V-2, 2 Circuits
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com