전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD19B 데이터시트(PDF) 2 Page - BeRex Corporation

부품명 BD19B
상세설명  Dual Band 2-Way SMT Power Divider 1700~2300MHz PCS, WCDMA & TD-SCDMA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEREX [BeRex Corporation]
홈페이지  http://www.berex.com
Logo BEREX - BeRex Corporation

BD19B 데이터시트(HTML) 2 Page - BeRex Corporation

  BD19B Datasheet HTML 1Page - BeRex Corporation BD19B Datasheet HTML 2Page - BeRex Corporation BD19B Datasheet HTML 3Page - BeRex Corporation BD19B Datasheet HTML 4Page - BeRex Corporation BD19B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BeRex
BD19B
http: //www.berex.com
Evaluation Board Drawing
Function Block Diagram
Pins 1,3,4,6 and 7 must be DC and RF grounded.
Typical Test Data
With Back Side Ground Soldering
Parameters
Unit
PCS, WCDMA & TD-SCDMA
Frequency Range
MHz
1700
1800
1900
1900
2075
2250
Insertion Loss
dB
0.35
0.37
0.38
0.38
0.47
0.64
Isolation
dB
20.4
22.1
24.4
24.4
30.1
20.6
IRL(S11)
dB
-22.3
-24.4
-24.1
-24.1
-19.3
-15.1
ORL(S22,S33)
dB
-27.1
-36.4
-34.1
-34.1
-27.4
-26.4
Phase Diff.
deg
0.2
0.2
0.3
0.3
0.5
0.8
Amplitude Balance
dB
0.03
0.04
0.04
0.04
0.06
0.07
Without Back Side Ground Soldering
Parameters
Unit
PCS, WCDMA & TD-SCDMA
Frequency Range
MHz
1700
1800
1900
1900
2075
2250
Insertion Loss
dB
0.38
0.40
0.43
0.43
0.54
0.75
Isolation
dB
20.0
21.9
24.1
24.1
25.4
18.1
IRL(S11)
dB
-22.0
-22.3
-20.3
-20.3
-16.0
-12.4
ORL(S22,S33)
dB
-26.4
-32.9
-29.5
-29.5
-23.8
-22.1
Phase Diff.
deg
1.0
1.0
1.0
1.0
0.9
0.8
Amplitude Balance
dB
0.06
0.06
0.06
0.06
0.05
0.04


유사한 부품 번호 - BD19B

제조업체부품명데이터시트상세설명
logo
BeRex Corporation
BD19B BEREX-BD19B Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B Datasheet
828Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B Datasheet
543Kb / 6P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_14 Datasheet
828Kb / 5P
   Dual Band 2-Way SMT Power Divider
More results

유사한 설명 - BD19B

제조업체부품명데이터시트상세설명
logo
BeRex Corporation
BD1926 BEREX-BD1926 Datasheet
139Kb / 4P
   Dual Band 2-Way SMT Power Divider 1700~2300MHz PCS, WCDMA & TD-SCDMA
BD25B BEREX-BD25B Datasheet
271Kb / 5P
   Quadruple Band 2-Way SMT Power Divider 1700~2500MHz USPCS & PCS, WCDMA & TD-SCDMA, WiBro
BD2326 BEREX-BD2326 Datasheet
167Kb / 4P
   Triple Band 2-Way SMT Power Divider 1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
BD23B BEREX-BD23B Datasheet
264Kb / 5P
   Triple Band 2-Way SMT Power Divider 1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_14 Datasheet
828Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_14 Datasheet
726Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_18 Datasheet
543Kb / 6P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com