전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17510Q5A 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD17510Q5A
상세설명  30V, N-Channel NexFET??Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CSD17510Q5A 데이터시트(HTML) 2 Page - Texas Instruments

  CSD17510Q5A Datasheet HTML 1Page - Texas Instruments CSD17510Q5A Datasheet HTML 2Page - Texas Instruments CSD17510Q5A Datasheet HTML 3Page - Texas Instruments CSD17510Q5A Datasheet HTML 4Page - Texas Instruments CSD17510Q5A Datasheet HTML 5Page - Texas Instruments CSD17510Q5A Datasheet HTML 6Page - Texas Instruments CSD17510Q5A Datasheet HTML 7Page - Texas Instruments CSD17510Q5A Datasheet HTML 8Page - Texas Instruments CSD17510Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CSD17510Q5A
SLPS271B – JULY 2010 – REVISED SEPTEMBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, IDS = 250mA
30
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 24V
1
mA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = 20/-12V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, IDS = 250mA
1
1.5
2.1
V
VGS = 4.5V, IDS = 20A
5.4
7.3
m
RDS(on)
Drain to Source On Resistance
VGS = 10V, IDS = 20A
4.1
5.2
m
gfs
Transconductance
VDS = 15V, IDS = 20A
59
S
Dynamic Characteristics
Ciss
Input Capacitance
960
1250
pF
VGS = 0V, VDS = 15V,
Coss
Output Capacitance
630
820
pF
f = 1MHz
Crss
Reverse Transfer Capacitance
51
66
pF
RG
Series Gate Resistance
0.85
1.7
Qg
Gate Charge Total (4.5V)
6.4
8.3
nC
Qgd
Gate Charge Gate to Drain
1.9
nC
VDS = 15V, IDS = 20A
Qgs
Gate Charge Gate to Source
2.7
nC
Qg(th)
Gate Charge at Vth
1.5
nC
Qoss
Output Charge
VDS = 13.5V, VGS = 0V
16
nC
td(on)
Turn On Delay Time
7
ns
tr
Rise Time
11
ns
VDS = 15V, VGS = 4.5V,
IDS = 20A,RG = 2Ω
td(off)
Turn Off Delay Time
9
ns
tf
Fall Time
4.1
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 20A, VGS = 0V
0.85
1
V
Qrr
Reverse Recovery Charge
25
nC
VDD= 13.5V, IF = 20A, di/dt = 300A/ms
trr
Reverse Recovery Time
24
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RqJC
Thermal Resistance Junction to Case(1)
1.6
°C/W
RqJA
Thermal Resistance Junction to Ambient(1)(2)
51
°C/W
(1)
RqJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RqJC is specified by design, whereas RqJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CSD17510Q5A


유사한 부품 번호 - CSD17510Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17501Q5A TI1-CSD17501Q5A Datasheet
336Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17507Q5A TI-CSD17507Q5A Datasheet
511Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results

유사한 설명 - CSD17510Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com