전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431AQDBZT 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TL431AQDBZT
상세설명  PRECISION PROGRAMMABLE REFERENCE
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL431AQDBZT 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TL431AQDBZT Datasheet HTML 4Page - Texas Instruments TL431AQDBZT Datasheet HTML 5Page - Texas Instruments TL431AQDBZT Datasheet HTML 6Page - Texas Instruments TL431AQDBZT Datasheet HTML 7Page - Texas Instruments TL431AQDBZT Datasheet HTML 8Page - Texas Instruments TL431AQDBZT Datasheet HTML 9Page - Texas Instruments TL431AQDBZT Datasheet HTML 10Page - Texas Instruments TL431AQDBZT Datasheet HTML 11Page - Texas Instruments TL431AQDBZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
www.ti.com
Vref TOLERANCE (25°C) = 0.5%
TL431B, TL432B ORDERING INFORMATION (1) (continued)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
SOIC (D)
Tube of 75
TL431BQD
T431BQ
Reel of 2500
TL431BQDR
SOT-23-5 (DBV)
Reel of 3000
TL431BQDBVR
T3H_
Reel of 250
TL431BQDBVT
Reel of 3000
TL432BQDBVR
T4H_
Reel of 250
TL432BQDBVT
SOT-23-3 (DBZ)
Reel of 3000
TL431BQDBZR
T3H_
Reel of 250
TL431BQDBZT
-40°C to 125°C
Reel of 3000
TL432BQDBZR
T4H_
Reel of 250
TL432BQDBZT
SOT-89 (PK)
Reel of 1000
TL431BQPK
3H
TL432BQPK
2J
TO-226/TO-92 (LP)
Bulk of 1000, straight lead
TL431BQLP
T431BQ
Ammo of 2000, formed lead
TL431BQLPM
Reel of 2000, formed lead
TL431BQLPR
SC-70 (DCK)
Reel of 1000
TL431BQDCKR
T8_
Reel of 250
TL431BQDCKT
8
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B


유사한 부품 번호 - TL431AQDBZT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL431AQDBZT TI-TL431AQDBZT Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431AQDBZT TI1-TL431AQDBZT Datasheet
2Mb / 77P
[Old version datasheet]   Precision Programmable Reference
TL431AQDBZT TI-TL431AQDBZT Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431AQDBZT TI1-TL431AQDBZT Datasheet
2Mb / 82P
[Old version datasheet]   Precision Programmable Reference
TL431AQDBZT TI-TL431AQDBZT Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

유사한 설명 - TL431AQDBZT

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com