전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL12027 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL12027
상세설명  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12027 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL12027 Datasheet HTML 4Page - Intersil Corporation ISL12027 Datasheet HTML 5Page - Intersil Corporation ISL12027 Datasheet HTML 6Page - Intersil Corporation ISL12027 Datasheet HTML 7Page - Intersil Corporation ISL12027 Datasheet HTML 8Page - Intersil Corporation ISL12027 Datasheet HTML 9Page - Intersil Corporation ISL12027 Datasheet HTML 10Page - Intersil Corporation ISL12027 Datasheet HTML 11Page - Intersil Corporation ISL12027 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
FN8232.8
August 12, 2010
Typical Performance Curves Temperature is +25°C unless otherwise specified.
FIGURE 5. IBAT vs VBAT, SBIB = 0
FIGURE 6. IBAT vs VBAT, SBIB = 1
FIGURE 7. IDD3 vs TEMPERATURE
FIGURE 8. IBAT vs TEMPERATURE
FIGURE 9. IDD3 vs VDD
FIGURE 10.
ΔF
OUT vs ATR SETTING
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VBAT (V)
SCL, SDA PULL-UPS = 0V
SCL, SDA PULL-UPS = VBAT
BSW = 0 OR 1
BSW = 0 OR 1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VBAT(V)
SCL, SDA PULL-UPS = 0V
BSW = 0 OR 1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-45 -35 -25 -15 -5
5
15 25354555657585
TEMPERATURE (°C)
VDD = 3.3V
VDD = 5.5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-45 -35 -25 -15 -5
5
15253545556575 85
TEMPERATURE (°C)
VBAT = 3.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1.82.3
2.83.3
3.84.3
4.8
5.3
VDD (V)
-40
-20
0
20
40
60
80
-32 -28 -24 -20 -16 -12 -8 -4 0
4
8 12 16 20 24 28
ATR SETTING
ISL12027, ISL12027A


유사한 부품 번호 - ISL12027

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
ISL12027 INTERSIL-ISL12027 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12027 INTERSIL-ISL12027 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
ISL12027A RENESAS-ISL12027A Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
More results

유사한 설명 - ISL12027

제조업체부품명데이터시트상세설명
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com