전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB240H 데이터시트(PDF) 2 Page - Sirectifier Global Corp.

부품명 SB240H
상세설명  Power Schottky Rectifier - 2Amp 40~100Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRECT [Sirectifier Global Corp.]
홈페이지  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

SB240H 데이터시트(HTML) 2 Page - Sirectifier Global Corp.

  SB240H Datasheet HTML 1Page - Sirectifier Global Corp. SB240H Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
http:// www.sirectsemi.com
0
2.4
0
50
100
125
AMBIENT TEMPERATURE ,
Figure 1. Forward Current Derating Curve
0.8
1.6
150
75
25
175
200
0.4
1.2
2.0
2.8
0
40
1
5
20
50
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
10
20
100
10
2
30
Single Half-Sine-Wave
(JEDEC METHOD)
50
0.01
0.1
10
REVERSE VOLTAGE , VOLTS
Figure 3. Typical Junction Capacitance
100
1
0
100
200
300
400
500
600
700
0.01
0.1
0.7
1.3
FORWARD VOLTAGE , VOLTS
Figure 4. Typical Forward Characteristics
1.1
0.3
0.5
0.9
1.5
0.1
1
10
100
TJ=25ºC
Pulse Width 300μs
1% Duty Cycle
SB
21
00
H
SB
26
0H
SB
24
0H
0.01
0
60
120
PERCENT OF RATED PEAK REVERSE VOLTAGE , (%)
Figure 5. Typical Reverse Characteristics
100
20
40
80
140
0.1
1
10
100
Tj = 75℃
Tj = 25℃
SB240H~SB2100H
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com


유사한 부품 번호 - SB240H

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SB240H PANJIT-SB240H Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB240H SIRECT-SB240H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
logo
Zowie Technology Corpor...
SB240H ZOWIE-SB240H Datasheet
75Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SB240H

제조업체부품명데이터시트상세설명
logo
Sirectifier Global Corp...
SB2100E SIRECT-SB2100E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB2100H SIRECT-SB2100H Datasheet
227Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB240S SIRECT-SB240S Datasheet
214Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB240 SIRECT-SB240 Datasheet
213Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB240E SIRECT-SB240E Datasheet
237Kb / 2P
   Power Schottky Rectifier - 2Amp 40~100Volt
SB220 SIRECT-SB220 Datasheet
215Kb / 2P
   Power Schottky Rectifier - 2Amp 20~100Volt
SB240ESH SIRECT-SB240ESH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 2Amp 40~200Volt
SB240EH SIRECT-SB240EH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 2Amp 40~200Volt
SB240SH SIRECT-SB240SH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 2Amp 40~200Volt
SB240ES SIRECT-SB240ES Datasheet
184Kb / 3P
   Power Schottky Rectifier - 2Amp 40~200Volt
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com