전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5421AREZ 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD5421AREZ
상세설명  16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5421AREZ 데이터시트(HTML) 1 Page - Analog Devices

  AD5421AREZ Datasheet HTML 1Page - Analog Devices AD5421AREZ Datasheet HTML 2Page - Analog Devices AD5421AREZ Datasheet HTML 3Page - Analog Devices AD5421AREZ Datasheet HTML 4Page - Analog Devices AD5421AREZ Datasheet HTML 5Page - Analog Devices AD5421AREZ Datasheet HTML 6Page - Analog Devices AD5421AREZ Datasheet HTML 7Page - Analog Devices AD5421AREZ Datasheet HTML 8Page - Analog Devices AD5421AREZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
VREF
16-BIT
DAC
LOOP -
SYNC
SCLK
SDIN
SDO
COM
REFOUT1 REFIN
ALARM CURRENT
DIRECTION
/
16
AD5421
INPUT REGISTER
CONTROL LOGIC
GAIN / OFFSET
ADJUSTMENT
REGISTERS
VOLTAGE
REGULATOR
LDAC
FAULT
VLOOP
REGOUT
RANGE 0
CIN
RINT/REXT
REXT1 REXT2
LOOP VOLTAGE
MONITOR
DRIVE
DGND
DVDD
RANGE 1
REFOUT2
IODVDD
REGIN
TEMP
SENSOR
24k
RSET
52


유사한 부품 번호 - AD5421AREZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5421ACPZ-REEL7 AD-AD5421ACPZ-REEL7 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
More results

유사한 설명 - AD5421AREZ

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
   Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Texas Instruments
RCV420JPG4 TI1-RCV420JPG4 Datasheet
195Kb / 12P
[Old version datasheet]   Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Analog Devices
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
   Evaluation Board for Loop Powered 4-20mA DAC
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com