전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5354MPX 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FAN5354MPX
상세설명  3MHz, 3A Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5354MPX 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5354MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 12Page - Fairchild Semiconductor FAN5354MPX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5354 • Rev. 1.0.4
9
Typical Characteristics
Unless otherwise specified, VIN=5V, VOUT=1.2V, circuit of Figure 1, and components per Table 1.
Circuit Protection Response
V
OUT
VPG
IL
VPG
IL
V
OUT
Figure 26. VOUT to GND Short Circuit, 200
μs/div.
Figure 27. VOUT to GND Short Circuit, 5
μs/div.
VPG
VEN
IL
V
OUT
V
OUT
IL
VPG
Figure 28. Over-Current at Startup, RLOAD=200mΩ,
50
μs/div.
Figure 29. Progressive Overload, 200
μs/div.


유사한 부품 번호 - FAN5354MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5354MPX FAIRCHILD-FAN5354MPX Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
ON Semiconductor
FAN5354MPX ONSEMI-FAN5354MPX Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
More results

유사한 설명 - FAN5354MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
FAN5354 FAIRCHILD-FAN5354_11 Datasheet
1Mb / 14P
   3MHz, 3A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC23451 MICREL-MIC23451 Datasheet
3Mb / 20P
   3MHz, 2A Triple Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN5362 FAIRCHILD-FAN5362 Datasheet
1Mb / 14P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
logo
ON Semiconductor
FAN5362 ONSEMI-FAN5362 Datasheet
1Mb / 16P
   3MHz, 500mA / 750mA Synchronous Buck Regulator
Rev. 1.0.5
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com