전자부품 데이터시트 검색엔진 |
|
3-1415899-9 데이터시트(PDF) 3 Page - Tyco Electronics |
|
3-1415899-9 데이터시트(HTML) 3 Page - Tyco Electronics |
3 / 4 page Datasheet Rev. IK1 Issued 2009/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical para- meters, test conditions and processing information only to be used together with the 'Definitions' section in the cat- alogue or at schrackrelays.com in the ‘Schrack’ section. Specifications subject to change. General Purpose Relays SCHRACK 3 Power PCB Relay RZ (Continued) Product key Typical product key RZ 0 3 -1C 4 -D012 Type RZ Power PCB Relay RZ Version 0 standard version H HOT-version Version 1 3.5 mm pinning, 12 A 3 5 mm double pinning, 16 A Contact configuration 1A 1 form A (NO contact) 1C 1 form C (CO contact) Contact material 4 AgNi 90/10 3 AgSnO2 Coil version Coil code: please refer to coil versions table Sealing level blank standard (RT II - flux proof) W wash tight (RT III - wash tight) Dimensions S0557-AA 12 A, pinning 3.5 mm 16 A, pinning 5 mm S0557-AB |
유사한 부품 번호 - 3-1415899-9 |
|
유사한 설명 - 3-1415899-9 |