전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25LF080A-33-4E-S2AE 데이터시트(PDF) 8 Page - Silicon Storage Technology, Inc

부품명 SST25LF080A-33-4E-S2AE
상세설명  8 Mbit SPI Serial Flash
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25LF080A-33-4E-S2AE 데이터시트(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST25LF080A-33-4E-S2AE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25LF080A-33-4E-S2AE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25LF080A-33-4E-S2AE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25LF080A-33-4E-S2AE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25LF080A-33-4E-S2AE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25LF080A-33-4E-S2AE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25LF080A-33-4E-S2AE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25LF080A-33-4E-S2AE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25LF080A-33-4E-S2AE Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
EOL Product Data Sheet
8 Mbit SPI Serial Flash
SST25LF080A
©2006 Silicon Storage Technology, Inc.
S71248-06-EOL
1/06
Instructions
Instructions are used to Read, Write (Erase and Program),
and configure the SST25LF080A. The instruction bus
cycles are 8 bits each for commands (Op Code), data, and
addresses. Prior to executing any Byte-Program, Auto
Address Increment (AAI) programming, Sector-Erase,
Block-Erase, or Chip-Erase instructions, the Write-Enable
(WREN) instruction must be executed first. The complete
list of the instructions is provided in Table 6. All instructions
are synchronized off a high to low transition of CE#. Inputs
will be accepted on the rising edge of SCK starting with the
most significant bit. CE# must be driven low before an
instruction is entered and must be driven high after the last
bit of the instruction has been shifted in (except for Read,
Read-ID and Read-Status-Register instructions). Any low
to high transition on CE#, before receiving the last bit of an
instruction bus cycle, will terminate the instruction in
progress and return the device to the standby mode.
Instruction commands (Op Code), addresses, and data are
all input from the most significant bit (MSB) first.
TABLE
6: DEVICE OPERATION INSTRUCTIONS1
1. AMS = Most Significant Address
AMS = A19 for SST25LF080A
Address bits above the most significant bit of each density can be VIL or VIH
Cycle Type/
Operation2,3
2. Operation: SIN = Serial In, SOUT = Serial Out
3. X = Dummy Input Cycles (VIL or VIH); - = Non-Applicable Cycles (Cycles are not necessary)
Max
Freq
MHz
Bus Cycle4
4. One bus cycle is eight clock periods.
12
3
4
5
6
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
Read
20
03H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
X
DOUT
High-Speed-Read
33
0BH
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
X
Hi-Z
X
DOUT
Sector-Erase5,6
5. Sector addresses: use AMS-A12, remaining addresses can be VIL or VIH
6. Prior to any Byte-Program, AAI-Program, Sector-Erase, Block-Erase, or Chip-Erase operation, the Write-Enable (WREN) instruction
must be executed.
20H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
-
-
Block-Erase5,7
7. Block addresses for: use AMS-A15, remaining addresses can be VIL or VIH
52H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
-
-
Chip-Erase6
60H
Hi-Z
-
-----
-
-
Byte-Program6
02H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
DIN
Hi-Z
Auto Address Increment
(AAI) Single-Byte Program6,8
8. To continue programming to the next sequential address location, enter the 8-bit command, AFH,
followed by the data to be programmed.
AFH
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
DIN
Hi-Z
Read-Status-Register
(RDSR)
05H
Hi-Z
X
DOUT
-Note9
9. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
-Note9
-Note9
Enable-Write-Status-Register
(EWSR)10
10. The Enable-Write-Status-Register (EWSR) instruction and the Write-Status-Register (WRSR) instruction must work in conjunction of
each other. The WRSR instruction must be executed immediately (very next bus cycle) after the EWSR instruction to make both
instructions effective.
50H
Hi-Z
-
-----
-
-
Write-Status-Register
(WRSR)10
01H
Hi-Z
Data
Hi-Z
-
-
-.
-
-
-
Write-Enable (WREN)
06H
Hi-Z
-
-----
-
-
Write-Disable (WRDI)
04H
Hi-Z
-
-----
-
-
Read-ID
90H or
ABH
Hi-Z
00H
Hi-Z
00H
Hi-Z
ID
Addr11
11. Manufacturer’s ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufacturer and Device
ID output stream is continuous until terminated by a low to high transition on CE#
Hi-Z
X
DOUT12
12. Device ID = 80H for SST25LF080A
T6.0 1248


유사한 부품 번호 - SST25LF080A-33-4E-S2AE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
SST25LF020A-33-4C-QAE SST-SST25LF020A-33-4C-QAE Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A-33-4C-QAE SST-SST25LF020A-33-4C-QAE Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
SST25LF020A-33-4C-S2AE SST-SST25LF020A-33-4C-S2AE Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results

유사한 설명 - SST25LF080A-33-4E-S2AE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B_10 Datasheet
757Kb / 32P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
   8 Mbit SPI Serial Flash
2011 Silicon
SST25VF080B MICROCHIP-SST25VF080B_15 Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
   8 Mbit 1.8V SPI Serial Flash
2014
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
   8 Mbit 1.8V SPI Serial Flash
10/12
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com