전자부품 데이터시트 검색엔진 |
|
SST25VF016B-50-4C-QAF 데이터시트(PDF) 5 Page - Silicon Storage Technology, Inc |
|
SST25VF016B-50-4C-QAF 데이터시트(HTML) 5 Page - Silicon Storage Technology, Inc |
5 / 28 page Data Sheet 16 Mbit SPI Serial Flash SST25VF016B 5 ©2008 Silicon Storage Technology, Inc. S71271-03-000 9/08 Hold Operation The HOLD# pin is used to pause a serial sequence under- way with the SPI flash memory without resetting the clock- ing sequence. To activate the HOLD# mode, CE# must be in active low state. The HOLD# mode begins when the SCK active low state coincides with the falling edge of the HOLD# signal. The HOLD mode ends when the HOLD# signal’s rising edge coincides with the SCK active low state. If the falling edge of the HOLD# signal does not coincide with the SCK active low state, then the device enters Hold mode when the SCK next reaches the active low state. Similarly, if the rising edge of the HOLD# signal does not coincide with the SCK active low state, then the device exits in Hold mode when the SCK next reaches the active low state. See Figure 4 for Hold Condition waveform. Once the device enters Hold mode, SO will be in high- impedance state while SI and SCK can be VIL or VIH. If CE# is driven active high during a Hold condition, it resets the internal logic of the device. As long as HOLD# signal is low, the memory remains in the Hold condition. To resume communication with the device, HOLD# must be driven active high, and CE# must be driven active low. See Figure 24 for Hold timing. FIGURE 4: Hold Condition Waveform Write Protection SST25VF016B provides software Write protection. The Write Protect pin (WP#) enables or disables the lock-down function of the status register. The Block-Protection bits (BP3, BP2, BP1, BP0, and BPL) in the status register pro- vide Write protection to the memory array and the status register. See Table 4 for the Block-Protection description. Write Protect Pin (WP#) The Write Protect (WP#) pin enables the lock-down func- tion of the BPL bit (bit 7) in the status register. When WP# is driven low, the execution of the Write-Status-Register (WRSR) instruction is determined by the value of the BPL bit (see Table 2). When WP# is high, the lock-down func- tion of the BPL bit is disabled. Active Hold Active Hold Active 1271 HoldCond.0 SCK HOLD# TABLE 2: Conditions to execute Write-Status- Register (WRSR) Instruction WP# BPL Execute WRSR Instruction L 1 Not Allowed L0 Allowed HX Allowed T2.0 1271 |
유사한 부품 번호 - SST25VF016B-50-4C-QAF |
|
유사한 설명 - SST25VF016B-50-4C-QAF |