전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF040B 데이터시트(PDF) 11 Page - Silicon Storage Technology, Inc

부품명 SST25VF040B
상세설명  4 Mbit SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040B 데이터시트(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST25VF040B_10 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF040B_10 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF040B_10 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF040B_10 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF040B_10 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF040B_10 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF040B_10 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF040B_10 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF040B_10 Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Data Sheet
4 Mbit SPI Serial Flash
SST25VF040B
11
©2009 Silicon Storage Technology, Inc.
S71295-05-000
10/09
Byte-Program
The Byte-Program instruction programs the bits in the
selected byte to the desired data. The selected byte must
be in the erased state (FFH) when initiating a Program
operation. A Byte-Program instruction applied to a pro-
tected memory area will be ignored.
Prior to any Write operation, the Write-Enable (WREN)
instruction must be executed. CE# must remain active low
for the duration of the Byte-Program instruction. The Byte-
Program instruction is initiated by executing an 8-bit com-
mand, 02H, followed by address bits [A23-A0]. Following the
address, the data is input in order from MSB (bit 7) to LSB
(bit 0). CE# must be driven high before the instruction is
executed. The user may poll the Busy bit in the software
status register or wait TBP for the completion of the internal
self-timed Byte-Program operation. See Figure 7 for the
Byte-Program sequence.
FIGURE 7: Byte-Program Sequence
1295 ByteProg.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
DIN
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB


유사한 부품 번호 - SST25VF040B_10

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
   4 Mbit SPI Serial Flash
2011
More results

유사한 설명 - SST25VF040B_10

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_V01 Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
   4 Mbit SPI Serial Flash
2011
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com