전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF080B-50-4I-S2AE 데이터시트(PDF) 11 Page - Silicon Storage Technology, Inc

부품명 SST25VF080B-50-4I-S2AE
상세설명  8 Mbit SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF080B-50-4I-S2AE 데이터시트(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST25VF080B-50-4I-S2AE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-S2AE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-S2AE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-S2AE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-S2AE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-S2AE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-S2AE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-S2AE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF080B-50-4I-S2AE Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
8 Mbit SPI Serial Flash
SST25VF080B
11
©2010 Silicon Storage Technology, Inc.
S71296-04-000
01/10
Byte-Program
The Byte-Program instruction programs the bits in the
selected byte to the desired data. The selected byte must
be in the erased state (FFH) when initiating a Program
operation. A Byte-Program instruction applied to a pro-
tected memory area will be ignored.
Prior to any Write operation, the Write-Enable (WREN)
instruction must be executed. CE# must remain active low
for the duration of the Byte-Program instruction. The Byte-
Program instruction is initiated by executing an 8-bit com-
mand, 02H, followed by address bits [A23-A0]. Following the
address, the data is input in order from MSB (bit 7) to LSB
(bit 0). CE# must be driven high before the instruction is
executed. The user may poll the Busy bit in the software
status register or wait TBP for the completion of the internal
self-timed Byte-Program operation. See Figure 7 for the
Byte-Program sequence.
FIGURE 7: Byte-Program Sequence
1296 ByteProg.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
DIN
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB


유사한 부품 번호 - SST25VF080B-50-4I-S2AE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST25VF080B-50-4I-S2AE MICROCHIP-SST25VF080B-50-4I-S2AE Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25VF080B-50-4I-S2AE MICROCHIP-SST25VF080B-50-4I-S2AE Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
SST25VF080B-50-4I-S2AE-T MICROCHIP-SST25VF080B-50-4I-S2AE-T Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25VF080B-50-4I-S2AE-T MICROCHIP-SST25VF080B-50-4I-S2AE-T Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
More results

유사한 설명 - SST25VF080B-50-4I-S2AE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
   8 Mbit SPI Serial Flash
2011 Silicon
SST25VF080B MICROCHIP-SST25VF080B_15 Datasheet
968Kb / 32P
   8 Mbit SPI Serial Flash
2015
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
   8 Mbit 1.8V SPI Serial Flash
2014
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
   8 Mbit 1.8V SPI Serial Flash
10/12
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF080B MICROCHIP-SST25PF080B_12 Datasheet
215Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com