전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF512 데이터시트(PDF) 8 Page - Silicon Storage Technology, Inc

부품명 SST25VF512
상세설명  512 Kbit SPI Serial Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF512 데이터시트(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST25VF512_10 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF512_10 Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
Data Sheet
512 Kbit SPI Serial Flash
SST25VF512
©2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
Read
The Read instruction outputs the data starting from the
specified address location. The data output stream is con-
tinuous through all addresses until terminated by a low to
high transition on CE#. The internal address pointer will
automatically increment until the highest memory address
is reached. Once the highest memory address is reached,
the address pointer will automatically increment to the
beginning (wrap-around) of the address space, i.e. for
4 Mbit density, once the data from address location
7FFFFH had been read, the next output will be from
address location 00000H.
The Read instruction is initiated by executing an 8-bit com-
mand, 03H, followed by address bits [A23-A0]. CE# must
remain active low for the duration of the Read cycle. See
Figure 4 for the Read sequence.
FIGURE 4: READ SEQUENCE
Byte-Program
The Byte-Program instruction programs the bits in the
selected byte to the desired data. The selected byte must
be in the erased state (FFH) when initiating a Program
operation. A Byte-Program instruction applied to a pro-
tected memory area will be ignored.
Prior to any Write operation, the Write-Enable (WREN)
instruction must be executed. CE# must remain active low
for the duration of the Byte-Program instruction. The Byte-
Program instruction is initiated by executing an 8-bit com-
mand, 02H, followed by address bits [A23-A0]. Following the
address, the data is input in order from MSB (bit 7) to LSB
(bit 0). CE# must be driven high before the instruction is
executed. The user may poll the Busy bit in the software
status register or wait TBP for the completion of the internal
self-timed Byte-Program operation. See Figure 5 for the
Byte-Program sequence.
FIGURE 5: BYTE-PROGRAM SEQUENCE
1192 F10.11
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
03
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
70
47
48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
1192 F08.11
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
DIN
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB


유사한 부품 번호 - SST25VF512_10

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF512-20-4C-QA SST-SST25VF512-20-4C-QA Datasheet
263Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QA SST-SST25VF512-20-4C-QA Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
263Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-SA SST-SST25VF512-20-4C-SA Datasheet
263Kb / 23P
   512 Kbit SPI Serial Flash
More results

유사한 설명 - SST25VF512_10

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF512A SST-SST25VF512A Datasheet
291Kb / 25P
   512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
263Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
   512 Kbit SPI Bus Serial EEPROM
10/28/13
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
   512 Kbit SPI Bus Serial EEPROM
05/02/11
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
   512-Kbit serial SPI bus EEPROM
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com