전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF064C-80-4I-Q2CE 데이터시트(PDF) 8 Page - Silicon Storage Technology, Inc

부품명 SST25VF064C-80-4I-Q2CE
상세설명  64 Mbit SPI Serial Dual I/O Flash
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF064C-80-4I-Q2CE 데이터시트(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST25VF064C-80-4I-Q2CE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF064C-80-4I-Q2CE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF064C-80-4I-Q2CE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF064C-80-4I-Q2CE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF064C-80-4I-Q2CE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF064C-80-4I-Q2CE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF064C-80-4I-Q2CE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF064C-80-4I-Q2CE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF064C-80-4I-Q2CE Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
Data Sheet
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C
©2010 Silicon Storage Technology, Inc.
S71392-04-000
04/10
Block Protection (BP3,BP2, BP1, BP0)
The Block-Protection (BP3, BP2, BP1, BP0) bits define the
size of the memory area, as shown in Table 5, to be soft-
ware protected against any memory Write (Program or
Erase) operation. The Write-Status-Register (WRSR)
instruction is used to program the BP3, BP2, BP1 and BP0
bits as long as WP# is high or the Block-Protect-Lock
(BPL) bit is 0. Chip-Erase can only be executed if Block-
Protection bits are all 0. After power-up, BP3, BP2, BP1
and BP0 are set to the defaults specified in Table 5.
Block Protection Lock-Down (BPL)
WP# pin driven low (VIL), enables the Block-Protection-
Lock-Down (BPL) bit. When BPL is set to 1, it prevents any
further alteration of the BPL, BP3, BP2, BP1, and BP0 bits.
When the WP# pin is driven high (VIH), the BPL bit has no
effect and its value is “Don’t Care”. After power-up, the BPL
bit is reset to 0.
Security ID Status (SEC)
The Security ID Status (SEC) bit indicates when the Secu-
rity ID space is locked to prevent a Write command. The
SEC is ‘1’ after the host issues a Lockout SID command.
Once the host issues a Lockout SID command, the SEC bit
can never be reset to ‘0.’
TABLE
5: Software Status Register Block Protection FOR SST25VF064C
Protection Level
Status Register Bit1
1. Default at power-up for BP3, BP2, BP1, and BP0 is ‘1111’. (All Blocks Protected)
Protected Memory Address
BP3
BP2
BP1
BP0
64 Mbit
None
0
0
0
0
None
Upper 1/128
0
0
0
1
7F0000H-7FFFFFH
Upper 1/64
0
0
1
0
7E0000H-7FFFFFH
Upper 1/32
0
0
1
1
7C0000H-7FFFFFH
Upper 1/16
0
1
0
0
780000H-7FFFFFH
Upper 1/8
0
1
0
1
700000H-7FFFFFH
Upper 1/4
0
1
1
0
600000H-7FFFFFH
Upper 1/2
0
1
1
1
400000H-7FFFFFH
All Blocks
1
0
0
0
000000H-7FFFFFH
All Blocks
1
0
0
1
000000H-7FFFFFH
All Blocks
1
0
1
0
000000H-7FFFFFH
All Blocks
1
0
1
1
000000H-7FFFFFH
All Blocks
1
1
0
0
000000H-7FFFFFH
All Blocks
1
1
0
1
000000H-7FFFFFH
All Blocks
1
1
1
0
000000H-7FFFFFH
All Blocks
1
1
1
1
000000H-7FFFFFH
T5.0 1392


유사한 부품 번호 - SST25VF064C-80-4I-Q2CE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST25VF064C-80-4I-Q2AE MICROCHIP-SST25VF064C-80-4I-Q2AE Datasheet
4Mb / 37P
   64 Mbit SPI Serial Dual I/O Flash
04/15
More results

유사한 설명 - SST25VF064C-80-4I-Q2CE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST25VF064C MICROCHIP-SST25VF064C Datasheet
4Mb / 37P
   64 Mbit SPI Serial Dual I/O Flash
04/15
logo
Silicon Storage Technol...
SST25VF064C SST-SST25VF064C Datasheet
908Kb / 31P
   64 Mbit SPI Serial Dual I/O Flash
logo
Dialog Semiconductor
AT25QF641B DIALOG-AT25QF641B Datasheet
1Mb / 58P
   64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF641B DIALOG-AT25SF641B Datasheet
1Mb / 59P
   64-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25QF641B RENESAS-AT25QF641B Datasheet
2Mb / 58P
   64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-05-18
AT25SF641B RENESAS-AT25SF641B Datasheet
1Mb / 60P
   64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
logo
Dialog Semiconductor
AT25QF641 DIALOG-AT25QF641 Datasheet
5Mb / 74P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25QL641 DIALOG-AT25QL641 Datasheet
5Mb / 77P
   64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
AT25SL641 DIALOG-AT25SL641 Datasheet
5Mb / 76P
   64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com