전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25WF020-40-5I-QAF 데이터시트(PDF) 11 Page - Silicon Storage Technology, Inc

부품명 SST25WF020-40-5I-QAF
상세설명  512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF020-40-5I-QAF 데이터시트(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST25WF020-40-5I-QAF Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25WF020-40-5I-QAF Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
SST25WF512 / SST25WF010 / SST25WF020 / SST25WF040
11
©2009 Silicon Storage Technology, Inc.
S71328-08-000
11/09
TABLE 10: Device Operation Instructions for SST25WF020 AND SST25WF040
Instruction
Description
Op Code Cycle1
1. One bus cycle is eight clock periods.
Address
Cycle(s)2
2. Address bits above the most significant bit of each density can be VIL or VIH.
Dummy
Cycle(s)
Data
Cycle(s)
Maximum
Frequency
Read
Read Memory
0000 0011b (03H)
3
0
1 to
20 MHz
High-Speed Read
Read Memory at Higher Speed 0000 1011b (0BH)
3
1
1 to
40 MHz
4 KByte Sector-
Erase3
3. 4 KByte Sector-Erase addresses: use AMS-A12, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 4 KByte of memory
array
0010 0000b (20H)
3
0
0
32 KByte Block-
Erase4
4. 32 KByte Block-Erase addresses: use AMS-A15, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 32 KByte block
of memory array
0101 0010b (52H)
3
0
0
64 KByte Block-
Erase5
5. 64 KByte Block-Erase addresses: use AMS-A16, remaining addresses are don’t care but must be set either at VIL or VIH.
Erase 64 KByte block
of memory array
1101 1000b (D8H)
3
0
0
Chip-Erase
Erase Full Memory Array
0110 0000b (60H) or
1100 0111b (C7H)
00
0
Byte-Program
To Program One Data Byte
0000 0010b (02H)
3
0
1
AAI-Word-Program6
6. To continue programming to the next sequential address location, enter the 8-bit command, ADH, followed by 2 bytes of data to be
programmed. Data Byte 0 will be programmed into the initial address [A23-A1] with A0=0, Data Byte 1 will be programmed into the
initial address [A23-A1] with A0 = 1.
Auto Address Increment
Programming
1010 1101b (ADH)
3
0
2 to
RDSR7
7. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
Read-Status-Register
0000 0101b (05H)
0
0
1 to
EWSR8
8. Either EWSR or WREN followed by WRSR will write to the Status register. The EWSR-WRSR sequence provides backward compat-
ibility to the SST25VF/LF series. The WREN-WRSR sequence is recommended for new designs.
Enable-Write-Status-Register
0110 0000b (50H)
0
0
0
WRSR
Write-Status-Register
0000 0001b (01H)
0
0
1
WREN8
Write-Enable
0000 0110b (06H)
0
0
0
WRDI
Write-Disable
0000 0100b (04H)
0
0
0
RDID9
9. Manufacturer’s ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufacturer’s ID and
device ID output stream is continuous until terminated by a low-to-high transition on CE#.
Read-ID
1001 0000b (90H) or
1010 1011b (ABH)
30
1 to
EBSY
Enable SO to output RY/BY#
status during AAI programming
0111 0000b (70H)
0
0
0
DBSY
Disable SO to output RY/BY#
status during AAI programming
1000 0000b (80H)
0
0
0
JEDEC-ID
JEDEC ID read
1001 1111b (9FH)
0
0
3 to
EHLD
Enable HOLD# pin functionality
of the RST#/HOLD# pin
1010 1010b (AAH)
0
0
0
T10.0
1328


유사한 부품 번호 - SST25WF020-40-5I-QAF

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST25WF020-40-5I-QAE MICROCHIP-SST25WF020-40-5I-QAE Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
More results

유사한 설명 - SST25WF020-40-5I-QAF

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Silicon Storage Technol...
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Microchip Technology
48L512 MICROCHIP-48L512 Datasheet
872Kb / 40P
   512-Kbit/1-Mbit SPI Serial EERAM
Revision C / 10/2019
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
   2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
   2 Mbit 1.8V SPI Serial Flash
2013
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com