전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF040B-80-4I-SAE 데이터시트(PDF) 3 Page - Silicon Storage Technology, Inc

부품명 SST25VF040B-80-4I-SAE
상세설명  4 Mbit SPI Serial Flash
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040B-80-4I-SAE 데이터시트(HTML) 3 Page - Silicon Storage Technology, Inc

  SST25VF040B-80-4I-SAE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-SAE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-SAE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-SAE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-SAE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-SAE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-SAE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-SAE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF040B-80-4I-SAE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Data Sheet
4 Mbit SPI Serial Flash
SST25VF040B
3
©2009 Silicon Storage Technology, Inc.
S71295-05-000
10/09
PIN DESCRIPTION
FIGURE 2: Pin Assignments
TABLE
1: Pin Description
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock input,
while output data is shifted out on the falling edge of the clock input.
SI
Serial Data Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
SO
Serial Data Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
Outputs Flash busy status during AAI Programming when reconfigured as RY/BY# pin.
See “Hardware End-of-Write Detection” on page 12 for details.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low for the
duration of any command sequence.
WP#
Write Protect
The Write Protect (WP#) pin is used to enable/disable BPL bit in the status register.
HOLD#
Hold
To temporarily stop serial communication with SPI flash memory without resetting the
device.
VDD
Power Supply
To provide power supply voltage: 2.7-3.6V for SST25VF040B
VSS
Ground
T1.0 1295
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
VDD
HOLD#
SCK
SI
Top View
1295 08-soic S2A P1.0
8-Lead SOIC
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
Top View
VDD
HOLD#
SCK
SI
1295 08-wson QA P2.0
8-Contact WSON


유사한 부품 번호 - SST25VF040B-80-4I-SAE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040B-50-4C-QAF SST-SST25VF040B-50-4C-QAF Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B-50-4C-QAF MICROCHIP-SST25VF040B-50-4C-QAF Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
SST25VF040B-50-4C-QAF MICROCHIP-SST25VF040B-50-4C-QAF Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B-50-4C-QAF-T MICROCHIP-SST25VF040B-50-4C-QAF-T Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
More results

유사한 설명 - SST25VF040B-80-4I-SAE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF040B MICROCHIP-SST25VF040B_V01 Datasheet
1Mb / 31P
   4-Mbit SPI Serial Flash
Revision F June 2020
SST25VF040B MICROCHIP-SST25VF040B_11 Datasheet
3Mb / 33P
   4 Mbit SPI Serial Flash
2011
SST25VF040B MICROCHIP-SST25VF040B Datasheet
439Kb / 31P
   4 Mbit SPI Serial Flash
2015
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com