전자부품 데이터시트 검색엔진 |
|
SST39LF512-75-4C-B3HE 데이터시트(PDF) 8 Page - Silicon Storage Technology, Inc |
|
SST39LF512-75-4C-B3HE 데이터시트(HTML) 8 Page - Silicon Storage Technology, Inc |
8 / 24 page 8 Data Sheet 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040 SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040 ©2010 Silicon Storage Technology, Inc. S71150-14-000 01/10 TABLE 5: DC Operating Characteristics -VDD = 3.0-3.6V for SST39LF512/010/020/040 and 2.7-3.6V for SST39VF512/010/020/0401 1. Typical conditions for the Active Current shown on the front data sheet page are average values at 25°C (room temperature), and VDD = 3V for VF devices. Not 100% tested. Symbol Parameter Limits Test Conditions Min Max Units IDD Power Supply Current Address input=VILT/VIHT, at f=1/TRC Min VDD=VDD Max Read2 2. Values are for 70 ns conditions. See the Multi-Purpose Flash Power Rating application note for further information. 20 mA CE#=VIL, OE#=WE#=VIH, all I/Os open Program and Erase3 3. 30 mA max for Erase operations in the industrial temperature range. 30 mA CE#=WE#=VIL, OE#=VIH ISB Standby VDD Current 15 µA CE#=VIHC, VDD=VDD Max ILI Input Leakage Current 1 µA VIN=GND to VDD, VDD=VDD Max ILO Output Leakage Current 10 µA VOUT=GND to VDD, VDD=VDD Max VIL Input Low Voltage 0.8 V VDD=VDD Min VIH Input High Voltage 0.7VDD VVDD=VDD Max VIHC Input High Voltage (CMOS) VDD-0.3 V VDD=VDD Max VOL Output Low Voltage 0.2 V IOL=100 µA, VDD=VDD Min VOH Output High Voltage VDD-0.2 V IOH=-100 µA, VDD=VDD Min T5.7 1150 TABLE 6: Recommended System Power-up Timings Symbol Parameter Minimum Units TPU-READ1 1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. Power-up to Read Operation 100 µs TPU-WRITE1 Power-up to Program/Erase Operation 100 µs T6.1 1150 TABLE 7: Capacitance (Ta = 25°C, f=1 Mhz, other pins open) Parameter Description Test Condition Maximum CI/O1 1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. I/O Pin Capacitance VI/O = 0V 12 pF CIN1 Input Capacitance VIN = 0V 6 pF T7.0 1150 TABLE 8: Reliability Characteristics Symbol Parameter Minimum Specification Units Test Method NEND1,2 1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. 2. NEND endurance rating is qualified as a 10,000 cycle minimum for the whole device. A sector- or block-level rating would result in a higher minimum specification. Endurance 10,000 Cycles JEDEC Standard A117 TDR1 Data Retention 100 Years JEDEC Standard A103 ILTH1 Latch Up 100 + IDD mA JEDEC Standard 78 T8.3 1150 |
유사한 부품 번호 - SST39LF512-75-4C-B3HE |
|
유사한 설명 - SST39LF512-75-4C-B3HE |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |