전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39WF1601-70-4I-MBQE 데이터시트(PDF) 4 Page - Silicon Storage Technology, Inc

부품명 SST39WF1601-70-4I-MBQE
상세설명  16 Mbit (x16) Multi-Purpose Flash Plus
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39WF1601-70-4I-MBQE 데이터시트(HTML) 4 Page - Silicon Storage Technology, Inc

  SST39WF1601-70-4I-MBQE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39WF1601-70-4I-MBQE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39WF1601-70-4I-MBQE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39WF1601-70-4I-MBQE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39WF1601-70-4I-MBQE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39WF1601-70-4I-MBQE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39WF1601-70-4I-MBQE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39WF1601-70-4I-MBQE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39WF1601-70-4I-MBQE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
Data Sheet
16 Mbit Multi-Purpose Flash Plus
SST39WF1601 / SST39WF1602
©2009 Silicon Storage Technology, Inc.
S71297-05-000
11/09
Toggle Bits (DQ6 and DQ2)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating “1”s
and “0”s, i.e., toggling between 1 and 0. When the internal
Program or Erase operation is completed, the DQ6 bit will
stop toggling. The device is then ready for the next opera-
tion. For Sector-, Block-, or Chip-Erase, the toggle bit (DQ6)
is valid after the rising edge of sixth WE# (or CE#) pulse.
DQ6 will be set to “1” if a Read operation is attempted on an
Erase-Suspended Sector/Block. If Program operation is ini-
tiated in a sector/block not selected in Erase-Suspend
mode, DQ6 will toggle.
An additional Toggle Bit is available on DQ2, which can be
used in conjunction with DQ6 to check whether a particular
sector is being actively erased or erase-suspended. Table 1
shows detailed status bits information. The Toggle Bit
(DQ2) is valid after the rising edge of the last WE# (or CE#)
pulse of Write operation. See Figure 8 for Toggle Bit timing
diagram and Figure 21 for a flowchart.
Note: DQ7 and DQ2 require a valid address when reading
status information.
Data Protection
The SST39WF1601/1602 provide both hardware and soft-
ware features to protect nonvolatile data from inadvertent
writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Hardware Block Protection
The SST39WF1602 support top hardware block protec-
tion, which protects the top 32 KWord block of the device.
The SST39WF1601 support bottom hardware block pro-
tection, which protects the bottom 32 KWord block of the
device. The Boot Block address ranges are described in
Table 2. Program and Erase operations are prevented on
the 32 KWord when WP# is low. If WP# is left floating, it is
internally held high via a pull-up resistor, and the Boot
Block is unprotected, enabling Program and Erase opera-
tions on that block.
Hardware Reset (RST#)
The RST# pin provides a hardware method of resetting the
device to read array data. When the RST# pin is held low
for at least TRP, any in-progress operation will terminate and
return to Read mode. When no internal Program/Erase
operation is in progress, a minimum period of TRHR is
required after RST# is driven high before a valid Read can
take place (see Figure 16).
The Erase or Program operation that has been interrupted
needs to be reinitiated after the device resumes normal
operation mode to ensure data integrity.
Software Data Protection (SDP)
The SST39WF1601/1602 provide the JEDEC approved
Software Data Protection scheme for all data alteration
operations, i.e., Program and Erase. Any Program opera-
tion requires the inclusion of the three-byte sequence. The
three-byte load sequence is used to initiate the Program
operation, providing optimal protection from inadvertent
Write operations, e.g., during the system power-up or
power-down. Any Erase operation requires the inclusion of
six-byte sequence. These devices are shipped with the
Software Data Protection permanently enabled. See Table
6 for the specific software command codes. During SDP
command sequence, invalid commands will abort the
device to read mode within TRC. The contents of DQ15-DQ8
can be VIL or VIH, but no other value, during any SDP com-
mand sequence.
TABLE
1: Write Operation Status
Status
DQ7
DQ6
DQ2
Normal
Operation
Standard
Program
DQ7#
Toggle
No Toggle
Standard
Erase
0
Toggle
Toggle
Erase-
Suspend
Mode
Read from
Erase-Suspended
Sector/Block
1
1
Toggle
Read from
Non- Erase-Suspended
Sector/Block
Data
Data
Data
Program
DQ7#
Toggle
N/A
T1.0 1297
TABLE
2: Boot Block Address Ranges
Product
Address Range
Bottom Boot Block
SST39WF1601
000000H-007FFFH
Top Boot Block
SST39WF1602
0F8000H-0FFFFFH
T2.0 1297


유사한 부품 번호 - SST39WF1601-70-4I-MBQE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39WF1601-90-4C-B3KE SST-SST39WF1601-90-4C-B3KE Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601-90-4C-B3QE SST-SST39WF1601-90-4C-B3QE Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601-90-4C-MBKE SST-SST39WF1601-90-4C-MBKE Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601-90-4C-MBQE SST-SST39WF1601-90-4C-MBQE Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601-90-4I-B3KE SST-SST39WF1601-90-4I-B3KE Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results

유사한 설명 - SST39WF1601-70-4I-MBQE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601C SST-SST39VF1601C Datasheet
379Kb / 39P
   16 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF1601C MICROCHIP-SST39VF1601C Datasheet
1Mb / 38P
   16 Mbit (x16) Multi-Purpose Flash Plus
Rev. B / May 2018
logo
Silicon Storage Technol...
SST39WF1601 SST-SST39WF1601 Datasheet
741Kb / 29P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com