전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39LF512-45-4C-NKE 데이터시트(PDF) 6 Page - Silicon Storage Technology, Inc

부품명 SST39LF512-45-4C-NKE
상세설명  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF512-45-4C-NKE 데이터시트(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST39LF512-45-4C-NKE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39LF512-45-4C-NKE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39LF512-45-4C-NKE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39LF512-45-4C-NKE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39LF512-45-4C-NKE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39LF512-45-4C-NKE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF512-45-4C-NKE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF512-45-4C-NKE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39LF512-45-4C-NKE Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040
SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040
©2010 Silicon Storage Technology, Inc.
S71150-14-000
01/10
FIGURE 5: Pin Assignment for 34-ball WFBGA (4mm x 6mm) for 1 Mbit and 2 Mbit
TABLE
2: Pin Description
Symbol
Pin Name
Functions
AMS1-A0
1. AMS = Most significant address
AMS = A15 for SST39LF/VF512, A16 for SST39LF/VF010, A17 for SST39LF/VF020, and A18 for SST39LF/VF040
Address Inputs
To provide memory addresses. During Sector-Erase AMS-A12 address lines will select the
sector. During Block-Erase AMS-A16 address lines will select the block.
DQ7-DQ0
Data Input/output
To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# or CE# is high.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.
VDD
Power Supply
To provide power supply voltage:
3.0-3.6V for SST39LF512/010/020/040
2.7-3.6V for SST39VF512/010/020/040
VSS
Ground
NC
No Connection
Unconnected pins.
T2.1 1150
TABLE
3: Operation Modes Selection
Mode
CE#
OE#
WE#
DQ
Address
Read
VIL
VIL
VIH
DOUT
AIN
Program
VIL
VIH
VIL
DIN
AIN
Erase
VIL
VIH
VIL
X1
1. X can be VIL or VIH, but no other value.
Sector address,
XXH for Chip-Erase
Standby
VIH
X
X
High Z
X
Write Inhibit
X
VIL
X
High Z/ DOUT
X
XX
VIH
High Z/ DOUT
X
Product Identification
Software Mode
VIL
VIL
VIH
See Table 4
T3.4 1150
A2
A1
A0
CE#
VSS
A17
VDD
A16
A12
A8
A14
WE#
A18
A15
A6
A9
A13
A7
A5
A11
A4
NC1
NC2
OE#
A3
A10
DQ7
A0
A2
CE#
DQ5
DQ3
DQ2
DQ0
A1
DQ6
DQ4
VSS
DQ1
TOP VIEW (balls facing down)
Note: For SST39LF020, ball B3 is "No Connect"
For SST39LF010, balls B3 and A5 are "No Connect"
A
B
C
D
E
F
G
H
J
6
5
4
3
2
1


유사한 부품 번호 - SST39LF512-45-4C-NKE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39LF512-45-4C-NK SST-SST39LF512-45-4C-NK Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results

유사한 설명 - SST39LF512-45-4C-NKE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512_03 Datasheet
340Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com