전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39VF040-45-4C-MME 데이터시트(PDF) 7 Page - Silicon Storage Technology, Inc

부품명 SST39VF040-45-4C-MME
상세설명  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF040-45-4C-MME 데이터시트(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST39VF040-45-4C-MME Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF040-45-4C-MME Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF512 / SST39LF010 / SST39LF020 / SST39LF040
SST39VF512 / SST39VF010 / SST39VF020 / SST39VF040
7
©2010 Silicon Storage Technology, Inc.
S71150-14-000
01/10
TABLE
4: Software Command Sequence
Command
Sequence
1st Bus
Write Cycle
2nd Bus
Write Cycle
3rd Bus
Write Cycle
4th Bus
Write Cycle
5th Bus
Write Cycle
6th Bus
Write Cycle
Addr1
1. Address format A14-A0 (Hex),
Address A15 can be VIL or VIH, but no other value, for the Command sequence for SST39LF/VF512.
Addresses AMS-A15 can be VIL or VIH, but no other value, for the Command sequence.
AMS = Most significant address
AMS = A15 for SST39LF/VF512, A16 for SST39LF/VF010, A17 for SST39LF/VF020, and A18 for SST39LF/VF040
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Addr1
Data
Byte-Program
5555H
AAH
2AAAH
55H
5555H
A0H
BA2
2. BA = Program Byte address
Data
Sector-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SAX3
3. SAX for Sector-Erase; uses AMS-A12 address lines
30H
Chip-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Software ID Entry4,5
4. The device does not remain in Software Product ID mode if powered down.
5. With AMS-A1 = 0; SST Manufacturer’s ID = BFH, is read with A0 = 0,
SST39LF/VF512 Device ID = D4H, is read with A0 = 1,
SST39LF/VF010 Device ID = D5H, is read with A0 = 1,
SST39LF/VF020 Device ID = D6H, is read with A0 = 1,
SST39LF/VF040 Device ID = D7H, is read with A0 = 1.
5555H
AAH
2AAAH
55H
5555H
90H
Software ID Exit6
6. Both Software ID Exit operations are equivalent
XXH
F0H
Software ID Exit6
5555H
AAH
2AAAH
55H
5555H
F0H
T4.2 1150
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum Stress
Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at
these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Expo-
sure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V
Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to 13.2V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Solder Reflow Temperature1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .260°C for 10 seconds
1. Excluding certain with-Pb 32-PLCC units, all packages are 260
°C capable in both non-Pb and with-Pb solder versions.
Certain with-Pb 32-PLCC package types are capable of 240
°C for 10 seconds; please consult the factory for the latest information.
Output Short Circuit Current2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
2. Outputs shorted for no more than one second. No more than one output shorted at a time.
Operating Range for SST39LF512/010/020/040
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
3.0-3.6V
Operating Range for SST39VF512/010/020/040
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.6V
Industrial
-40°C to +85°C
2.7-3.6V
AC Conditions of Test
Input Rise/Fall Time . . . . . . . . . . . . . . . 5 ns
Output Load
CL = 30 pF for SST39LF512/010/020/040
CL = 100 pF for SST39VF512/010/020/040
See Figures 15 and 16


유사한 부품 번호 - SST39VF040-45-4C-MME

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF040-45-4C-B3H SST-SST39VF040-45-4C-B3H Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF040-45-4C-B3K SST-SST39VF040-45-4C-B3K Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF040-45-4C-NH SST-SST39VF040-45-4C-NH Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF040-45-4C-NK SST-SST39VF040-45-4C-NK Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF040-45-4C-WH SST-SST39VF040-45-4C-WH Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results

유사한 설명 - SST39VF040-45-4C-MME

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512_03 Datasheet
340Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com