전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL21060CFH641Z-TK 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL21060CFH641Z-TK
상세설명  Precision, Low Noise FGA Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21060CFH641Z-TK 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL21060CFH641Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 13Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 14Page - Intersil Corporation ISL21060CFH641Z-TK Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN6706.3
December 16, 2008
FIGURE 23. LOAD CURRENT vs DROPOUT
FIGURE 24. PSRR AT DIFFERENT CAPACITIVE LOADS
FIGURE 25. ZOUT vs FREQUENCY
FIGURE 26. TURN-ON TIME, NO LOAD
FIGURE 27. TURN-ON TIME, 1kΩ
FIGURE 28. LOAD TRANSIENT RESPONSE, 100nF LOAD
CAPACITANCE
Typical Performance Curves (ISL21060-41) (R
EXT = 100kΩ) (Continued)
4.05
4.10
4.15
4.20
4.25
4.30
4.35
4.40
-8
-7
-6
-5
-4
-3
-2
-1
0
LOAD CURRENT (mA)
-40°C
+25°C
+125°C
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
10nF
NO LOAD
1nF
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
1nF
NO LOAD
10nF
100nF
ISL21060


유사한 부품 번호 - ISL21060CFH641Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21060CFH641Z-TK INTERSIL-ISL21060CFH641Z-TK Datasheet
2Mb / 20P
   Precision Reference with Disable
logo
Renesas Technology Corp
ISL21060CFH641Z-TK RENESAS-ISL21060CFH641Z-TK Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results

유사한 설명 - ISL21060CFH641Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com